Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-01 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8535-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 17Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ICS8535-01 DATA SHEET
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
14
REVISION F 08/11/14
Package Outline and Package Dimensions (continued)
Package Outline - K Suffix for 20-Lead VFQFN
Reference Document: JEDEC Publication 95, MO-220
NOTE:
The drawing and dimension data originate from IDT package
outline drawing PSC-4170, rev03.
1. Dimensions and tolerances conform to ASME Y14.5M-1994
2. All dimensions are in millimeters. All angles are in degrees.
3. N is the total number of terminals.
4. All specifications comply with JEDEC MO-220.
Table 9. Package Dimensions for 20-Lead VFQFN
JEDEC Variation:
All Dimensions in Millimeters
Symbol
Minimum
Nom
Maximum
b
0.20
0.25
0.30
D
3.90
4.00
4.10
E
3.90
4.00
4.10
D2
1.95
2.10
2.25
E2
1.95
2.10
2.25
L
0.45
0.55
0.65
e
0.50 BSC
N
20
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.2 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com