Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8535-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS8535-01 DATA SHEET
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
2
REVISION F 08/11/14
Pin Descriptions and Characteristics
Name
Type
VEE
Power
CLK_EN
Input
Pullup
CLK_SEL
Input
Pulldown
CLK0
Input
Pulldown
CLK1
Input
Pulldown
nc
Unused
VCC
Power
nQ3, Q3
Output
nQ2, Q2
Output
nQ1, Q1
Output
nQ0, Q0
Output
Table 1. Pin Descriptions1
Description
Negative supply pin.
Synchronizing clock enable. When HIGH, clock outputs follow clock input. When LOW,
Q outputs are forced low, nQ outputs are forced high. LVCMOS / LVTTL interface levels.
Clock select input. When HIGH, selects CLK1 input. When LOW, selects CLK0 input.
LVCMOS / LVTTL interface levels.
LVCMOS / LVTTL clock input.
LVCMOS / LVTTL clock input.
No connect
Positive supply pins
Differential output pair. LVPECL interface levels.
Differential output pair. LVPECL interface levels.
Differential output pair. LVPECL interface levels.
Differential output pair. LVPECL interface levels.
NOTE 1: Pullup and Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com