Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204L50LG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7204L50LG
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50LG Datasheet(HTML) 3 Page - Renesas Technology Corp

  7204L50LG Datasheet HTML 1Page - Renesas Technology Corp 7204L50LG Datasheet HTML 2Page - Renesas Technology Corp 7204L50LG Datasheet HTML 3Page - Renesas Technology Corp 7204L50LG Datasheet HTML 4Page - Renesas Technology Corp 7204L50LG Datasheet HTML 5Page - Renesas Technology Corp 7204L50LG Datasheet HTML 6Page - Renesas Technology Corp 7204L50LG Datasheet HTML 7Page - Renesas Technology Corp 7204L50LG Datasheet HTML 8Page - Renesas Technology Corp 7204L50LG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
IDT7203(1)
IDT7203
IDT7204(1)
IDT7204
Commercial and Industrial
Military(3)
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30, 40 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(6)
Input Leakage Current (Any Input)
–1
—
1
–1
—
1
μA
ILO(7)
OutputLeakageCurrent
–10
—
10
–10
—
10
μA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage IOL = 8mA
—
—
0.4
—
—
0.4
V
ICC1(8,9,10)
Active Power Supply Current
—
—
120
—
—
150
mA
ICC2(8,10,11)
Standby Current (R=W=RS=FL/RT=VIH)
——12
—
—
25
mA
ICC3(8,10,12)
Power Down Current
—
—
2
—
—
4
mA
AC TEST CONDITIONS
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grades are available
as a standard device.
2. Industrial temperature range product for 25ns speed grade only is available as a standard
device. All other speed grades are available by special order.
3. Military temperature range product for the 40ns is only available for 7203.
4. Commercial temperature range product for the 12ns not available.
5. Commercial temperature range product for the 12ns, 15ns and 50ns not available.
IDT7205(1)
IDT7205
IDT7206(2,4)
IDT7206
IDT7207(2,4)
IDT7207
IDT7208(2,5)
Commercial and Industrial
Military
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(6)
Input Leakage Current (Any Input)
–1
—
1
–1
—
1
μA
ILO(7)
OutputLeakageCurrent
–10
—
10
–10
—
10
μA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage IOL = 8mA
—
—
0.4
—
—
0.4
V
ICC1(8,9,10)
Active Power Supply Current
—
—
120
—
—
150
mA
ICC2(8,10,11)
Standby Current (RS=FL/RT=VIH)—
—
12
—
—
25
mA
ICC3(8,10,12)
Power Down Current
—
—
8
—
—
12
mA
Input Pulse Levels
GND to 3.0V
InputRise/FallTimes
5ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
1.1K
Ω
30pF*
680
Ω
5V
D.U.T.
or equivalent circuit
2661 drw03
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
6. Measurements with 0.4
≤ VIN ≤ VCC.
7. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
8. Tested with outputs open (IOUT = 0).
9. R and W toggle at 20 MHz and data inputs switch at 10 MHz.
10. ICC measurements are made with outputs open.
11. All Inputs = VCC - 0.2V or GND + 0.2V, except R and W, which toggle at 20MHz.
12. All Inputs = VCC - 0.2V or GND + 0.2V, except R and W = VCC -0.2V.
CAPACITANCE(1) (TA=+25°C,f=1.0MHz)
NOTES:
1. This parameter is sampled and not 100% tested.
2. With output deselected.
Symbol
Parameter
Condition
Max.
Unit
CIN(1)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
Figure 1. Output Load
*Includes jig and scope capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com