Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204L50LG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7204L50LG
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50LG Datasheet(HTML) 2 Page - Renesas Technology Corp

  7204L50LG Datasheet HTML 1Page - Renesas Technology Corp 7204L50LG Datasheet HTML 2Page - Renesas Technology Corp 7204L50LG Datasheet HTML 3Page - Renesas Technology Corp 7204L50LG Datasheet HTML 4Page - Renesas Technology Corp 7204L50LG Datasheet HTML 5Page - Renesas Technology Corp 7204L50LG Datasheet HTML 6Page - Renesas Technology Corp 7204L50LG Datasheet HTML 7Page - Renesas Technology Corp 7204L50LG Datasheet HTML 8Page - Renesas Technology Corp 7204L50LG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
PIN CONFIGURATIONS
Symbol
Rating
Com'l & Ind'l
Military
Unit
VTERM
Terminal
–0.5 to +7.0
–0.5 to +7.0
V
Voltagewith
Respect to GND
TSTG
Storage
–55 to + 125
–65to+155
°C
Temperature
IOUT
DCOutput
–50to+50
–50to+50
mA
+Current
Reference
Order
Device
PackageType
Identifier
Code
Availability
PLASTIC DIP
P28-1
P
All devices
PLASTIC THIN DIP
P28-2
T P
AllexceptIDT7207/7208
CERDIP
D28-1
D
All except IDT7208
THIN CERDIP
D28-3
TD
OnlyforIDT7203/7204/7205
SOIC
SO28-3
SO
Only for IDT7204
Reference
Order
Device
PackageType
Identifier
Code
Availability
PLCC
J32-1
J
All devices
LCC(1)
L32-1
L
All except IDT7208
TOP VIEW
TOP VIEW
NOTE:
1. This package is only available in the military temperature range.
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial).
For RT/RS/XI input, VIH = 2.6V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
5
6
7
8
9
10
11
12
13
FF
XI
GND
1
2
3
4
14
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
W
D4
Q7
R
2661 drw02a
D5
D7
D6
Q6
Q5
Q4
Q8
Q3
Q2
Q1
Q0
D8
D3
D2
D1
D0
5
6
7
8
9
10
11
12
13
FF
XI
Q0
29
28
27
26
25
24
23
22
21
EF
XO/HF
D6
NC
FL/RT
RS
INDEX
NC
2661 drw02b
D7
D2
D1
D0
Q1
Q2
Q7
Q6
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
SupplyVoltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
SupplyVoltage
0
0
0
V
VIH(1)
InputHighVoltage
2.0
—
—
V
Commercial/Industrial
VIH(1)
Input High Voltage Military
2.2
—
—
V
VIL(2)
InputLowVoltage
—
—
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
—
70
°C
TA
OperatingTemperatureIndustrial
–40
—
85
°C
TA
OperatingTemperatureMilitary
–55
—
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com