Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204L50LG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 7204L50LG
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50LG Datasheet(HTML) 4 Page - Renesas Technology Corp

  7204L50LG Datasheet HTML 1Page - Renesas Technology Corp 7204L50LG Datasheet HTML 2Page - Renesas Technology Corp 7204L50LG Datasheet HTML 3Page - Renesas Technology Corp 7204L50LG Datasheet HTML 4Page - Renesas Technology Corp 7204L50LG Datasheet HTML 5Page - Renesas Technology Corp 7204L50LG Datasheet HTML 6Page - Renesas Technology Corp 7204L50LG Datasheet HTML 7Page - Renesas Technology Corp 7204L50LG Datasheet HTML 8Page - Renesas Technology Corp 7204L50LG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
Commercial
Com'l & Ind'l
Com'l & Military
Commercial
Com'l & Ind'l
IDT7203L12
IDT7203L15(2)
IDT7203L20
IDT7208L20
IDT7203L25(2)
IDT7204L12
IDT7204L15(2)
IDT7204L20
IDT7204L25(2)
IDT7205L12
IDT7205L15(2)
IDT7205L20
IDT7205L25(2)
IDT7206L15
IDT7206L20
IDT7206L25(3)
IDT7207L15
IDT7207L20
IDT7207L25(3)
IDT7208L25(3)
Symbol
Parameters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
ShiftFrequency
—
50
—
40
—
33.3
—
33.3
—
28.5
MHz
tRC
Read Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tA
Access Time
—
12
—
15
—
20
—
20
—
25
ns
tRR
Read Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tRPW
ReadPulseWidth(4)
12
—
15
—
20
—
20
—
25
—
ns
tRLZ
Read LOW to Data Bus LOW(5)
3—
5
—
5—
5—
5—
ns
tWLZ
Write HIGH to Data Bus Low-Z(5,6)
3—
5
—
5—
5—
5—
ns
tDV
Data Valid from Read HIGH
5
—
5
—
5
—
5
—
5
—
ns
tRHZ
Read HIGH to Data Bus High-Z(5)
—12
—
15
—15
—
15
—18
ns
tWC
Write Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tWPW
WritePulseWidth(4)
12
—
15
—
20
—
20
—
25
—
ns
tWR
WriteRecoveryTime
8
—
10
—
10
—
10
—
10
—
ns
tDS
DataSet-upTime
9
—
11
—
12
—
12
—
15
—
ns
tDH
DataHoldTime
0
—
0
—
0
—
0
—
0
—
ns
tRSC
Reset Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tRS
ResetPulseWidth(4)
12
—
15
—
20
—
20
—
25
—
ns
tRSS
ResetSet-upTime(5)
12
—
15
—
20
—
20
—
25
—
ns
tRTR
Reset Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tRTC
RetransmitCycleTime
20
—
25
—
30
—
30
—
35
—
ns
tRT
RetransmitPulseWidth(4)
12
—
15
—
20
—
20
—
25
—
ns
tRTS
RetransmitSet-upTime(5)
12
—
15
—
20
—
20
—
25
—
ns
tRTR
RetransmitRecoveryTime
8
—
10
—
10
—
10
—
10
—
ns
tEFL
Reset to EF LOW
—12
—
25
—30
—
30
—35
ns
tHFH,tFFH Reset to HF and FF HIGH
—
17
—
25
—
30
—
30
—
35
ns
tRTF
RetransmitLOWtoFlagsValid
—
20
—
25
—
30
—
30
—
35
ns
tREF
Read LOW to EF LOW
—12
—
15
—20
—
20
—25
ns
tRFF
Read HIGH to FF HIGH
—
14
—
15
—
20
—
20
—
25
ns
tRPE
Read Pulse Width after EF HIGH
12
—
15
—
20
—
20
—
25
—
ns
tWEF
Write HIGH to EF HIGH
—
12
—
15
—
20
—
20
—
25
ns
tWFF
Write LOW to FF LOW
—14
—
15
—20
—
20
—25
ns
tWHF
Write LOW to HF Flag LOW
—
17
—
25
—
30
—
30
—
35
ns
tRHF
Read HIGH to HF Flag HIGH
—
17
—
25
—
30
—
30
—
35
ns
tWPF
Write Pulse Width after FF HIGH
12
—
15
—
20
—
20
—
25
—
ns
tXOL
Read/Write LOW to XOLOW
—12
—
15
—20
—
20
—25
ns
tXOH
Read/Write HIGH to XO HIGH
—
12
—
15
—
20
—
20
—
25
ns
tXI
XI Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tXIR
XI Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tXIS
XISet-up Time
8
—
10
—
10
—
10
—
10
—
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for 15ns and 25ns speed grades are available as a standard device.
3. Industrial temperature range product for 25ns speed grade only is available as a standard device. All other speed grades are available by special order.
4. Pulse widths less than minimum are not allowed.
5. Values guaranteed by design, not currently tested.
6. Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com