Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2425 Datasheet(PDF) 1 Page - COTEK ELECTRONIC IND. CO., LTD

Part # CX2425
Description  Advanced Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

CX2425 Datasheet(HTML) 1 Page - COTEK ELECTRONIC IND. CO., LTD

  CX2425 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. B3
20/10/20
1
Advanced Battery Charger
CX24xx
MODEL
Output
Battery Type
CX2415
CX2425
CX2440
Input
Protection
Environment
Working Temp.
Working Humidity
Storage Temp., Humidity
Temp. Coefficient
Vibration
-20 ~ 60°C (refer to de-rating curve)
20 ~ 90% RH non-condensing
-40 ~ +75
, 20 ~ 90% RH
°C
±0.03% (0 ~ 50°C)
10 ~ 500Hz, 2G 10min. / 1cycle period for 60min. each along X, Y, Z axes
Others
Packing
Dimension (WxHxD)
Main Rated Current
Current Range
Main Output
Battery Charging Mode
Voltage Range
Power Factor (Typ.)
Frequency Range
AC Current (Typ.)
Leakage Current
Efficiency (Typ.) at 230VAC
90 ~ 264VAC (refer to de-rating curve)
PF > 0.92 at full load
47 ~ 63Hz
For earth < 1mA / 240VAC
Short Circuit
35V
±1%, Protection type: Shut down output (recovery after resetting AC power on)
Function
Single Output Current Limit
1.6kg
183x72x
mm
243
12.5A
0 ~ 12.5A
2
90%
4.2A / 100VAC
1.7A / 240VAC
12.5A
2.9kg
213x77x
mm
272
25A
0 ~ 25A
3
90%
8.3A/ 100VAC
3.6A / 240VAC
25A
3.9kg
213x77x
mm
312
40A
0 ~ 40A
3
90%
13.3A / 100VAC
5.4A / 240VAC
40A
3 - stage charging capability (IUoU)
Current is reduced to < 1A continued 30sec. , will operate 30 seconds then turn off
Lead Acid / Li-ion / Gel / AGM
Safety & EMC
Isolation Resistance
Harmonic Current
Withstand Voltage
I/P-O/P: 4242VDC, I/P-FG: 1768VDC, O/P-FG: 700VDC
I/P-O/P: 100M Ohms / 500VDC
Safety Standards
UL 458 (only for CX2425/2440) , Certified EN 60335-1, EN 60335-2-29
Note.2
Note
1. All parameters not specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. The charger is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC
directives.
3. Before charging, make sure the battery charger and battery specifications are compatible.
4. When using sleep mode, please refer to charging current vs. Ambient temperature de-rating curve.
5. Optional Remote Controller (CR-1).
°C
Compatible with Lead Acid, Li-ion, Gel and AGM batteries
Universal AC input with active PFC
Voltage / temperature compensation with battery temp. sensor (Optional)
Dry contact for alarm
2-stage fan speed control
High efficiency and high reliability
Protection: Short Circuit / Over Voltage / Over Temperature / Brown-out
Built-in battery rescue function
Built-in Engine Start Battery (ESB) output function
Features:
Withstand 2G vibration test
Over Voltage
Standard Boost Charge Voltage
Standard Float Charge Voltage
28.8V / 29.4V (Select by S1-1)
27.6V / 27V (Select by S1-2)
Certified EN 61204-3; EN 55014-1
Certified IEC 61000-4-2, 3, 4, 5, 6, 8, 11; EN 61000-6-1; EN 55014-2
Certified EN 61000-3-2, -3-3; EN 61000-6-3
Support optional remote controller (CR-1)
Over Temperature
Charger
100 ±5°C detected by heat sink
Over Temperature
Battery Over Temperature 52 ±5°C (Optional device - COTEK temperature sensor), connect on CN3
Alarm Signal
NC. / NO. Relay contact output (
)
Please refer to page 5 Alarms Signal & Fan Control
Temperature Compensation
Charging Sleep Mode
By
and S1-4 DIP switch (
)
Remote Controller
Please refer to page 4~5
-10mV / 0.5°C with COTEK temperature sensor
Note.4
Remote Controller
Support COTEK Remote Controller CR-1 setting Function (CN3 or CN4)
Note.5
Power Mode
Supply 26.4V Current limit output voltage
RS-232 communication interface
Output power OK signal
Protection type: Auto recovery after heat sink temperature goes down to 50°C


Similar Part No. - CX2425

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX2427X CONEXANT-CX2427X Datasheet
261Kb / 2P
Dual Decode HDTV MPEG-2/H.264/VC-1 Video Decoder
More results

Similar Description - CX2425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Grenergy Opto, lnc.
GB5305 GRENERGY-GB5305 Datasheet
294Kb / 7P
Advanced Li-Ion Battery Charger IC with Capacity Indicator
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
logo
COTEK ELECTRONIC IND. C...
CX1215 COTEK-CX1215 Datasheet
236Kb / 7P
Advanced Battery Charger
20/10/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com