Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2425 Datasheet(PDF) 3 Page - COTEK ELECTRONIC IND. CO., LTD

Part # CX2425
Description  Advanced Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

CX2425 Datasheet(HTML) 3 Page - COTEK ELECTRONIC IND. CO., LTD

  CX2425 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Battery Charger
CX24xx
Unit : mm[inch]
213mm
S1
1 2 3 4
STATUS
1
2
3
4
5
CN2
DC OUTPUT
TEMP / CN3
CN4
AC INPUT
MODEL: CX2425/2440
201.5mm
9.0mm
REV. B3
20/10/20
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com