Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2425 Datasheet(PDF) 5 Page - COTEK ELECTRONIC IND. CO., LTD

Part # CX2425
Description  Advanced Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

CX2425 Datasheet(HTML) 5 Page - COTEK ELECTRONIC IND. CO., LTD

  CX2425 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Battery Charger
CX24xx
TEMP/CN3:
1
3
4
5
6
2
R_VCC
TEMP
BAT-
DATA I/O
NC.
GND
1
6
RJ-11 6P6C
TEMP/CN3
Alarms Signal and Fan Control
Connectors Pin Definition(CN2):
CN2
1
3
2
5
4
Normally Closed
COM
Normally Open
GND
Sleep Mode Control
4-5 SHORT Sleep Mode ON
4-5 OPEN
Sleep Mode OFF
CN4:
1
3
4
5
6
2
R_VCC
NC.
BAT-
DATA I/O
NC.
BAT-
1
6
RJ-11 6P6C
CN4
Charging Curve at Temperature Compensation:
-3.33mV /
per cell
24Volt system : -20mV / 0.5
U Rer 20
In the CV=28.8V and float =27.6V situation. Please follow this rule in other situation.
24.0
25.0
26.0
27.0
28.0
29.0
30.0
28.0VDC
29.6VDC
27.6VDC
28.8VDC
28.4VDC
26.8VDC
REV. B3
20/10/20
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com