Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104LU/2 Datasheet(PDF) 31 Page - Motorola, Inc

Part # PCF2104LU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104LU/2 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button PCF2104LU/2 Datasheet HTML 27Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 28Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 29Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 30Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 31Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 32Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 33Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 34Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
1997 Dec 16
31
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
Notes
1. LCD outputs are open-circuit; inputs at VDD or VSS; V0 =VDD; bus inactive; internal or external clock with duty cycle
50% (IDD1 only).
2. Resets all logic when VDD <VPOR.
3. When the voltages are above or below the supply voltages VDD or VSS, an input current may flow; this current must
not exceed
±0.5 mA.
4. Tested on sample basis.
5. Resistance of output terminals (R1 to R32 and C1 to C60) with load current Iload = 150 µA; VOP =VDD − VLCD =9V;
outputs measured one at a time.
6. LCD outputs open-circuit.
Logic
VIL1
LOW level input voltage pins E, RS,
R/W, DB0 to DB7 and SA0
VSS
−
0.3VDD
V
VIH1
HIGH level input voltage pins E, RS,
R/W, DB0 to DB7 and SA0
0.7VDD
−
VDD
V
VIL(osc)
LOW level input voltage pin OSC
VSS
−
VDD − 1.5
V
VIH(osc)
HIGH level input voltage pin OSC
VDD − 0.1
−
VDD
V
Ipu
pull-up current at pins DB0 to DB7,
RS and R/W
VI =VSS
0.04
0.15
1.00
µA
IOL(DB)
LOW level output current pins
DB0 to DB7
VOL = 0.4 V; VDD =5V 1.6
−−
mA
IOH(DB)
HIGH level output current pins
DB0 to DB7
VOH =4V; VDD =5V
−1.0
−−
mA
IL1
leakage current pins OSC, E, RS,
R/W, DB0 to DB7 and SA0
VI =VDD or VSS
−1
−
+1
µA
I2C-bus
SDA, SCL
VIL2
LOW level input voltage
note 3
VSS
−
0.3VDD
V
VIH2
HIGH level input voltage
note 3
0.7VDD
−
VDD
V
IL2
leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
note 4
−−
7pF
IOL(SDA)
LOW level output current (SDA)
VOL = 0.4 V; VDD =5V 3
−−
mA
LCD outputs
RROW
row output resistance pins
R1 to R32
note 5
−
1.5
3
k
Ω
RCOL
column output resistance pins
C1 to C60
note 5
−
36
k
Ω
Vtol1
bias voltage tolerance pins
R1 to R32 and C1 to C60
note 6
−±20
±130
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com