Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104LU/2 Datasheet(PDF) 37 Page - Motorola, Inc

Part # PCF2104LU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104LU/2 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button PCF2104LU/2 Datasheet HTML 33Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 34Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 35Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 36Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 37Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 38Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 39Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 40Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
1997 Dec 16
37
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
Table 6
4-bit operation, 1-line display example; using internal reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
Power supply on (PCF2104x is
initialized by the internal reset circuit).
Initialized. No display appears.
2
Function set:
RS = 0; R/W = 0; DB7 = 0; DB6 = 0;
DB5 = 1; DB4 = 0
Sets to 4-bit operation. In this instance operation is
handled as 8-bits by initialization and only this
instruction completes with one write.
3
Function set:
RS = 0; R/W = 0; DB7 = 0; DB6 = 0;
DB5 = 1; DB4 = 0
Sets to 4-bit operation, selects 2
× 12 display.
RS = 0; R/W = 0; DB7 = 0; DB6 = 0;
DB5 = 0; DB4 = 0
4-bit operation starts from this point and resetting is
needed.
4
Display on/off control:
RS = 0; R/W = 0; DB7 = 0; DB6 = 0;
DB5 = 0; DB4 = 0
Turns on display and cursor.
RS = 0; R/W = 0; DB7 = 1; DB6 = 1;
DB5 = 1; DB4 = 0
Entire display is blank after initialization.
5
Entry mode set:
RS = 0; R/W = 0; DB7 = 0; DB6 = 0;
DB5 = 0; DB4 = 0
_
Sets mode to increment the address by 1 and to shift the
cursor to the right at the time of write to the DD/CGRAM.
RS = 0; R/W = 0; DB7 = 0; DB6 = 1;
DB5 = 1; DB4 = 0
Display is not shifted.
6
Write data to CGRAM/DDRAM:
RS = 1; R/W = 0; DB7 = 0; DB6 = 1;
DB5 = 0; DB4 = 1
P_
Writes ‘P’. The DDRAM has already been selected by
initialization at power-on.
RS = 1; R/W = 0; DB7 = 0; DB6 = 1;
DB5 = 1; DB4 = 0
The cursor is incremented by 1 and shifted to the right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com