Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104LU/2 Datasheet(PDF) 49 Page - Motorola, Inc

Part # PCF2104LU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104LU/2 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button PCF2104LU/2 Datasheet HTML 45Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 46Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 47Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 48Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 49Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 50Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 51Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 52Page - Motorola, Inc PCF2104LU/2 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
1997 Dec 16
49
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
18 BONDING PAD LOCATIONS
Fig.35 Bonding pad locations.
Chip dimensions: approximately 5.10
× 5.63 mm.
Gold bump dimensions: approximately 89
× 89 × 25 µm.
handbook, full pagewidth
PCF2104x
≈ 5.63
mm
≈ 5.10 mm
x
y
0
0
C35
C36
C37
C38
C39
C40
C41
C42
C43
C44
C45
C46
C48
C49
C47
C50
C51
C23
C24
C25
C26
C27
C28
C29
C31
C32
C30
C33
C34
C52
C53
RS
R/W
T1
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
SDA
VLCD
R15
R16
R25
R26
R27
R28
R1
R3
R4
R2
SCL
E
1
2
3
4
5
6
7
8
9
10 11 1213 1415 16 1718 19 20 21 22 2324 25 2627
86
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
28
29
30
31
32
33
34
35
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
36
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
MGC628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com