Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2001 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGA2001
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2001 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGA2001 Datasheet HTML 1Page - NXP Semiconductors BGA2001 Datasheet HTML 2Page - NXP Semiconductors BGA2001 Datasheet HTML 3Page - NXP Semiconductors BGA2001 Datasheet HTML 4Page - NXP Semiconductors BGA2001 Datasheet HTML 5Page - NXP Semiconductors BGA2001 Datasheet HTML 6Page - NXP Semiconductors BGA2001 Datasheet HTML 7Page - NXP Semiconductors BGA2001 Datasheet HTML 8Page - NXP Semiconductors BGA2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Aug 11
5
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2001
handbook, halfpage
024
10
gain
(dB)
30
0
20
MGS609
8
25
6
15
10
5
IVS-OUT (mA)
GUM
MSG
Fig.6
Gain as a function of bias current
(IVS-OUT); typical values.
f = 900 MHz.
handbook, halfpage
024
10
gain
(dB)
25
0
20
MGS610
8
6
15
10
5
IVS-OUT (mA)
GUM
MSG
Fig.7
Gain as a function of bias current
(IVS-OUT); typical values.
f = 1800 MHz.
handbook, halfpage
40
0
MGS611
102
103
104
10
20
30
gain
(dB)
Gmax
GUM
MSG
f (MHz)
Fig.8
Gain as a function of frequency;
typical values.
VVS-OUT = 2.5 V; IVS-OUT = 4 mA.
handbook, halfpage
3
0
MGS612
10−1
110
0.5
1
1.5
2.5
2
NFmin
(dB)
IC (mA)
(2)
(3)
(4)
(1)
Fig.9
Minimum noise figure as a function of bias
current (IVS-OUT); typical values.
(1) f = 2400 MHz
(2) f = 1000 MHz
(3) f = 900 MHz
(4) f = 1800 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com