Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA2001
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2001 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA2001 Datasheet HTML 1Page - NXP Semiconductors BGA2001 Datasheet HTML 2Page - NXP Semiconductors BGA2001 Datasheet HTML 3Page - NXP Semiconductors BGA2001 Datasheet HTML 4Page - NXP Semiconductors BGA2001 Datasheet HTML 5Page - NXP Semiconductors BGA2001 Datasheet HTML 6Page - NXP Semiconductors BGA2001 Datasheet HTML 7Page - NXP Semiconductors BGA2001 Datasheet HTML 8Page - NXP Semiconductors BGA2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Aug 11
3
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2001
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
RF input AC coupled; Tj =25 °C; unless otherwise specified.
Note
1. See application note: RNR-T45-99-B-0513.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
supply voltage
RF input AC coupled
−
4.5
V
IS
supply current (DC)
forced by DC voltage on RF input
−
30
mA
Ptot
total power dissipation
Ts ≤ 100 °C
−
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
350
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IS
supply current
VVS-OUT =1V
−
0.7
−
mA
VVS-OUT = 2.5 V
3
4.5
6
mA
VVS-OUT = 4.5 V
−
11
−
mA
MSG
maximum stable gain
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 900 MHz
−
22
−
dB
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 1.8 GHz
−
19.5
−
dB
|s
21|
2
insertion power gain
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 900 MHz
−
18
−
dB
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 1.8 GHz
−
14
−
dB
PL
load power
at 1 dB gain compression point;
VVS-OUT = 2.5 V;
IVS-OUT = 4.4 mA; f = 900 MHz;
−−2
−
dBm
NF
noise figure
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 900 MHz;
ΓS = Γopt
−
1.3
−
dB
VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; f = 1.8 GHz;
ΓS = Γopt
−
1.3
−
dB
IP3(in)
input intercept point; note 1
VVS-OUT = 2.5 V;
IVS-OUT = 4.4 mA; f = 900 MHz
−−7.4
−
dBm
VVS-OUT = 2.5 V;
IVS-OUT = 4.5 mA;
f = 1800 MHz
−−4.5
−
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com