Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2001 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA2001
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2001 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA2001 Datasheet HTML 1Page - NXP Semiconductors BGA2001 Datasheet HTML 2Page - NXP Semiconductors BGA2001 Datasheet HTML 3Page - NXP Semiconductors BGA2001 Datasheet HTML 4Page - NXP Semiconductors BGA2001 Datasheet HTML 5Page - NXP Semiconductors BGA2001 Datasheet HTML 6Page - NXP Semiconductors BGA2001 Datasheet HTML 7Page - NXP Semiconductors BGA2001 Datasheet HTML 8Page - NXP Semiconductors BGA2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Aug 11
4
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2001
handbook, halfpage
MGS605
100 pF
R1
C
C
RF in
RF out
VS
GND
VS-OUT
GND
IN
BGA2001
L1
Fig.2 Typical application circuit.
handbook, halfpage
0
50
100
200
200
150
50
0
100
MGS606
150
Ts (°C)
Ptot
(mW)
Fig.3 Power derating curve.
handbook, halfpage
−40
0
40
120
12
0
8
10
MGS607
80
6
4
2
Tamb (°C)
IVS-OUT
(mA)
(7)
(2)
(6)
(3)
(5)
(4)
(8)
(1)
Fig.4
Bias current (IVS-OUT) as a function of
ambient temperature with VVS-OUT as
parameter; typical values.
(1) VVS-OUT =1V
(2) VVS-OUT = 1.5 V
(3) VVS-OUT =2V
(4) VVS-OUT = 2.5 V
(5) VVS-OUT =3V
(6) VVS-OUT = 3.5 V
(7) VVS-OUT =4V
(8) VVS-OUT = 4.5 V.
handbook, halfpage
0
16
8
12
4
0
15
MGS608
23
4
VVS-OUT (V)
IVS-OUT
(mA)
Fig.5
Bias current (IVS-OUT) as a function of
voltage at the output pin (VVS-OUT);
typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com