Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9173B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9173B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9173B Datasheet HTML 1Page - Renesas Technology Corp ICS9173B Datasheet HTML 2Page - Renesas Technology Corp ICS9173B Datasheet HTML 3Page - Renesas Technology Corp ICS9173B Datasheet HTML 4Page - Renesas Technology Corp ICS9173B Datasheet HTML 5Page - Renesas Technology Corp ICS9173B Datasheet HTML 6Page - Renesas Technology Corp ICS9173B Datasheet HTML 7Page - Renesas Technology Corp ICS9173B Datasheet HTML 8Page - Renesas Technology Corp ICS9173B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT® VIDEO GENLOCK PLL
3
ICS9173B
REV D 012913
Using the ICS9173B in Genlock Applications
Most video sources, such as video cameras, are
asynchronous, free-running devices. To digitize video or
synchronize one video source to another free-running
reference video source, a video “genlock” (generator lock)
circuit is required. The ICS9173B integrates the analog
blocks which make the task much easier.
In the complete video genlock circuit, the primary function of
the ICS9173B is to provide the analog circuitry required to
generate the video dot clock within a PLL. This application
is illustrated in Figure 1. The input reference signal for this
circuit is the horizontal synchronization (H-SYNC) signal. If
a composite video reference source is being used, the
h-sync pulses must be separated from the composite signal.
A video sync separator circuit, such as the National
Semiconductor LM1881, can be used for this purpose.
The clock feedback divider shown in Figure 1 is a digital
divider used within the PLL to multiply the reference
frequency. Its divide ratio establishes how many video dot
clock cycles occur per h-sync pulse. For example, if 880
pixel clocks are desired per h-sync pulse, then the divider
ratio is set to 880. Hence, together the h-sync frequency and
external divider ratio establish the dot clock frequency:
fOUT = fIN x N where N is external divide ratio
Both input pins IN and FBIN respond only to negative-going
clock edges of the input signal. The H-SYNC signal must be
constant frequency in the 12 kHz to 1 MHz range and stable
(low clock jitter) for creation of a stable output clock.
The output hook-ups of the ICS9173B are dictated by the
desired dot clock frequency. The primary consideration is
the internal VCO which operates over a frequency range of
10 MHz to 75 MHz. Because of the selectable VCO output
divider and the additional divider on output CLK2, four
distinct output frequency ranges can be achieved. The
following Table lists these ranges and the corresponding
device configuration.
Note that both outputs, CLK1 and CLK2, are available
during operation even though only one is fed back via the
external clock divider.
Pin 5, OE, tristates both CLK1 and CLK2 upon logic low
input. This feature can be used to revert dot clock control to
the system clock when not in genlock mode (hence, when in
genlock mode the system dot clock must be tristated).
When unused, inputs FS0 and OE must be tied to either
GND (logic low) or VDD (logic high).
Figure 1: Typical Application of ICS9173B in a Video Genlock System
FS0
State
Output
Used
Frequency/Range
ICS9173B-01
Frequency/Range
IcS9173B-15
0
CLK1
10 to 75 MHz
5 to 37.5 MHz
0
CLK2
5 to 37.5 MHz
2.5 to 18.75 MHz
1
CLK1
2.5 to 18.75 MHz
1.25 to 9.375 MHz
1
CLK2
1.25 to 9.375 MHz
0.625 to 4.6875 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com