Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9173B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9173B Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9173B Datasheet HTML 1Page - Renesas Technology Corp ICS9173B Datasheet HTML 2Page - Renesas Technology Corp ICS9173B Datasheet HTML 3Page - Renesas Technology Corp ICS9173B Datasheet HTML 4Page - Renesas Technology Corp ICS9173B Datasheet HTML 5Page - Renesas Technology Corp ICS9173B Datasheet HTML 6Page - Renesas Technology Corp ICS9173B Datasheet HTML 7Page - Renesas Technology Corp ICS9173B Datasheet HTML 8Page - Renesas Technology Corp ICS9173B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT® VIDEO GENLOCK PLL
4
ICS9173B
REV D 012913
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS9173B. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70
C
Notes:
1. Duty cycle measured at 1.4 V.
2. Input Reference Frequency = 25 kHz, Output Frequency = 25 MHz. Jitter measured between adjacent vertical
pixels.
3. CLK1 frequency applies for FS = 0. For FS = 1 condition, divide allowable CLK1 range by the factor of 4.
Item
Rating
Supply Voltage, VDD
7 V
Storage Temperature
-65 to +150
C
Voltage on I/O Pins referenced to GND
GND - 0.5 V to VDD + 0.5 V
Junction Temperature
125
C
Soldering Temperature
260
C
Power Dissipation
0.5 Watts
Parameter
Min.
Typ.
Max.
Units
Operating Temperature under Bias
-0
+70
C
Power Supply Voltage (measured with respect to
GND)
+4.75
+5 V
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Current
IDD
No load,50 MHz
20
50
mA
Input Low Voltage
VIH
VDD = 5 V
0.8
V
Input High Voltage
VIL
VDD = 5 V
2.0
V
Input Low Current
IIL
VIN = 0V
-5
µA
Input High Current
IIH
VIN = VDD
-5
5
µA
Output Low Voltage
VOL
IOL = 8 mA
0.4
V
Output High Voltage 1
VOH1
IOH = -1 mA
VDD-0.4
V
Output High Voltage 1
VOH2
IOH = -4 mA
VDD-0.8
V
Output High Voltage 1
VOH3
IOH = -8 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com