Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9173B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9173B Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9173B Datasheet HTML 1Page - Renesas Technology Corp ICS9173B Datasheet HTML 2Page - Renesas Technology Corp ICS9173B Datasheet HTML 3Page - Renesas Technology Corp ICS9173B Datasheet HTML 4Page - Renesas Technology Corp ICS9173B Datasheet HTML 5Page - Renesas Technology Corp ICS9173B Datasheet HTML 6Page - Renesas Technology Corp ICS9173B Datasheet HTML 7Page - Renesas Technology Corp ICS9173B Datasheet HTML 8Page - Renesas Technology Corp ICS9173B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
VIDEO GENLOCK PLL
ICS9173B
IDT® VIDEO GENLOCK PLL
1
ICS9173B
REV D 012913
Description
The ICS9173B provide the analog PLL circuit blocks to
implement a frequency multiplier. Because the device is
configured to use an external divider in the PLL clock
feedback path, a large divider can be used to result in a
large frequency multiplication ratio. This is useful when
using a low frequency input clock to generate a high
frequency output clock. The ICS9173B contains a phase
detector, charge pump, loop filter, and voltage-controlled
oscillator (VCO). The ICS674-01 can be used as the
external feedback divider.
A common application of the ICS9173B is the
implementation of a video genlock circuit. Because of this,
the ICS9173B inputs operate on the negative-going clock
edge.
The ICS9173B is pin and function compatible to the
AV9173-01/15.
Features
• Phase-detector/VCO circuit block
• Ideal for genlock system
• Reference clock range 12 kHz to 1 MHz for full output
clock range
• Output clock range of 1.25 to 75 MHz (-01), and 0.625 to
37.5 MHz (-15). See “Allowable Input Frequency to
Output Frequency” table for conditions
• On-chip loop filter
• Single 5 V power supply
• Low power CMOS technology
• 8-pin SOIC package
Block Diagram


Similar Part No. - ICS9173B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
VIDEO GENLOCK PLL
More results

Similar Description - ICS9173B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
Video Genlock PLL
RevC051397
ICS9173-01 ICST-ICS9173-01 Datasheet
122Kb / 7P
Video Genlock PLL
Rev D 06/21/05
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
Video Genlock PLL
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
VIDEO GENLOCK PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com