Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-08 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-08 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9250-08 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
ICS9250-08
0378J—05/17/05
General Description
The ICS9250-08 is the single chip clock solution for
Desktop/designs using BX, Appollo Pro 133 type of chip
sets. It provides all necessary clock signals for such a
system.
Spread spectrum may be enabled through I
2C
programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting
to
board design iterations or costly shielding. The ICS9250-
08
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions,
stop clock programming and frequency selection.
Power Groups
VDDREF = REF [1:0], X1, X2
VDDPCI = PCICLK_F, PCICLK [5:0]
VDDSDR = SDRAM [15:0], supply for PLL core,
VDD48 = 48MHz, 24MHz
VDDLIOAPIC = IOAPIC_F
VDDLCPU = CPUCLK_F [2:1]
Mode Pin - Power Management Input Control
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com