Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-08 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-08 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9250-08 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ICS9250-08
0378J—05/17/05
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP66
Select @ 66MHz; Max discrete cap loads
10
25
Operating
IDD2.5OP100 Select @ 100MHz; Max discrete cap loads
13
25
Supply Current
IDD2.5OP133 Select @ 133MHz; Max discrete cap loads
18
25
1Guaranteed by design, not 100% tested in production.
mA
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
IDD3.3OP66
Select @ 66MHz; Sdram running, unloaded
112
140
IDD3.3OP100
Select @ 100MHz; Sdram running, unloaded
150
180
IDD3.3OP133
Select @ 133MHz; Sdram running, unloaded
200
250
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
TTrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
TS
From 1st crossing to 1% target Freq.
1
3
ms
Clk Stabilization
1
TStab
From VDD = 3.3 V to 1% target Freq.
3ms
1Guaranteed by design, not 100% tested in production.
mA
Operating Supply
Current
Input Capacitance
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com