Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-08 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-08 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9250-08 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS9250-08
0378J—05/17/05
Pin Configuration
Notes:
1:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use
10Kohm resistor to program logic Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
2
1
F
E
RT
U
Ot
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
2
S
F
1
N
II
C
P
D
D
V
o
t
p
u
-
l
l
u
p
s
a
H
.
t
u
p
n
i
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
d
e
h
c
t
a
L
3
0
F
E
RT
U
Ot
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
#
P
O
T
S
_
I
C
P
1
N
I
.
w
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
]
0
:
5
[
K
L
C
I
C
P
s
t
l
a
H
)
0
=
E
D
O
M
,
e
l
i
b
o
m
n
i
(
,
4
3
,
6
2
,
3
2
,
0
1
,
4
3
5
,
8
4
,
2
4
D
N
GR
W
P.
d
n
u
o
r
G
51
XN
I.
)
F
p
3
3
l
a
n
i
m
o
n
(
,
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
t
u
p
n
i
z
H
M
8
1
3
.
4
1
62
XT
U
O
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
t
u
p
t
u
o
l
a
t
s
y
r
C
1
X
o
t
r
o
t
s
i
s
e
r
8
F
_
K
L
C
I
C
PT
U
O#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
S
U
B
g
n
i
n
n
u
r
e
e
r
F
E
D
O
M
1
N
I
#
P
O
T
S
_
I
C
P
o
t
3
n
i
p
s
t
r
e
v
n
o
C
.
t
c
e
l
e
s
E
D
O
M
r
o
f
t
u
p
n
i
d
e
h
c
t
a
L
.
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
r
o
f
w
o
l
n
e
h
w
9
3
S
F
1
N
In
w
o
d
-
l
l
u
p
,
t
u
p
n
i
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
d
e
h
c
t
a
L
0
K
L
C
I
C
PT
U
O#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
S
U
B
g
n
i
n
n
u
r
e
e
r
F
1
1
,
2
1
,
3
1
,
4
1
,
6
1]
1
:
5
[
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
O
k
c
o
l
C
I
C
P
7
1N
I
R
E
F
F
U
BN
Is
r
e
f
f
u
B
r
o
f
t
u
p
n
I
7
2A
T
A
D
SN
II
(
.
t
r
o
p
g
i
f
n
o
c
l
a
i
r
e
s
r
o
f
n
i
a
t
a
d
l
a
i
r
e
S
2
)
C
8
2K
L
C
SN
II
(
.
t
r
o
p
g
i
f
n
o
c
l
a
i
r
e
s
r
o
f
t
u
p
n
i
k
c
o
l
C
2
)
C
0
3
z
H
M
4
2T
U
O.
D
F
r
o
O
/
I
r
e
p
u
S
r
o
f
t
u
p
t
u
o
k
c
o
l
c
z
H
M
4
2
0
S
F
1
N
I.
4
D
D
V
o
t
p
u
-
l
l
u
p
s
a
H
.
t
u
p
n
i
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
d
e
h
c
t
a
L
9
2
z
H
M
8
4T
U
O.
B
S
U
r
o
f
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
1
S
F
1
N
I.
2
D
D
V
o
t
p
u
-
l
l
u
p
s
a
H
.
t
u
p
n
i
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
d
e
h
c
t
a
L
,
0
2
,
5
1
,
7
,
1
,
1
35
4
,
7
3
,
F
E
R
D
D
V
,
I
C
P
D
D
V
8
4
D
D
V
,
R
D
S
D
D
V
R
W
P.
n
o
i
t
c
n
u
f
r
o
f
s
p
u
o
r
g
r
e
w
o
p
e
e
s
,
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
l
a
n
i
m
o
N
,
8
1
,
3
3
,
2
3
,
5
2
,
4
2
,
6
3
,
5
3
,
2
2
,
1
2
,
9
1
,
3
4
,
1
4
,
0
4
,
9
3
,
8
3
4
4
]
0
:
5
1
[
M
A
R
D
ST
U
Os
k
c
o
l
c
M
A
R
D
S
6
4F
_
M
A
R
D
ST
U
O#
P
O
T
S
_
U
P
C
y
b
d
e
t
c
e
f
f
a
t
o
N
k
c
o
l
c
M
A
R
D
S
g
n
i
n
n
u
r
e
e
r
F
7
4#
P
O
T
S
_
U
P
CN
I
K
L
C
U
P
C
s
t
l
a
H]
0
:
5
1
[
M
A
R
D
S
,
0
C
I
P
A
O
I
,
]
1
:
2
[
.
w
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
6
5
,
0
5
,
U
P
C
L
D
D
V
C
I
P
A
O
I
L
D
D
V
R
W
P.
l
a
n
i
m
o
n
V
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
r
e
f
f
u
b
k
c
o
l
c
C
I
P
A
O
I
d
n
a
U
P
C
5
50
C
I
P
A
O
IT
U
OC
I
P
A
O
I
L
D
D
V
y
b
d
e
r
e
w
o
P
)
z
H
M
8
1
3
.
4
1
(
.
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
9
4
,
1
5]
1
:
2
[
K
L
C
U
P
CT
U
O)
z
H
M
6
.
6
6
r
o
0
6
(
2
L
D
D
V
y
b
d
e
r
e
w
o
P
.
s
k
c
o
l
c
t
u
p
t
u
O
U
P
C
2
5F
_
K
L
C
U
P
CT
U
O
.
#
P
O
T
S
_
U
P
C
e
h
t
y
t
d
e
t
c
e
f
f
a
t
o
N
.
k
c
o
l
c
t
u
p
t
u
o
U
P
C
g
n
i
n
n
u
r
e
e
r
F
4
5F
_
C
I
P
A
O
IT
U
O
g
n
i
n
n
u
r
e
e
r
F.
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
Ie
h
t
y
b
d
e
t
c
e
f
f
a
t
o
N
#
P
O
T
S
_
U
P
CC
I
P
A
O
I
L
D
D
V
y
b
d
e
r
e
w
o
P
)
z
H
M
8
1
8
1
3
.
4
1
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com