Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG101 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # VG101
Description  Cellular-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG101 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  VG101 Datasheet HTML 1Page - WJ Communication. Inc. VG101 Datasheet HTML 2Page - WJ Communication. Inc. VG101 Datasheet HTML 3Page - WJ Communication. Inc. VG101 Datasheet HTML 4Page - WJ Communication. Inc. VG101 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 5
June 2005
VG101
Cellular-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
Application Circuit: 750 – 1000 MHz (VG101-PCB)
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
• The amplifier is biased through Pin 25 and should be connected
directly into a voltage regulator.
• Distances are shown from the edge-to-edge for the land pattern.
Bill of Materials
Ref. Des.
Description
Size
C1, C3
47 pF Chip Capacitor
0603
C2, C4
0.01
μF Chip Capacitor
0603
C5
1 pF Chip Capacitor
0603
L1
82 nH Chip Inductor
0603
L2
39 nH Chip Inductor
0603
L3
2.7 nH Chip Inductor
0603
L4
8.2 nH Chip Inductor
0603
R1
100
Ω Chip Resistor
0603
R3
2.7
Ω Chip Resistor
0603
R4
4.7
Ω Chip Resistor
0603
R5
47
Ω Chip Resistor
0603
Q1
MMBT2222 Motorola Transistor
SOT-23
U1
VG101 Variable Gain Amplifier
QFN 6x6
OIP3 vs. Output Power
frequency = 900, 910 MHz, 0dB Atten.
25
30
35
40
45
-4
048
12
16
Output Power (dBm)
+25C
-40C
+85C
OIP3 vs. Attenuation Setting
frequency = 900, 910 MHz, 25C, 10 dBm/tone
25
30
35
40
45
02468
10
Attenuation (dB)
ACPR vs. Channel Power
880 MHz, IS-95, 9 Ch. Forward, ±885 kHz offset, 30 kHz Meas BW, 25°C
-70
-60
-50
-40
12
13
14
15
16
Output Channel Power (dBm)
0dB Attn
5dB Attn
10dB Attn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com