Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG101 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # VG101
Description  Cellular-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG101 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  VG101 Datasheet HTML 1Page - WJ Communication. Inc. VG101 Datasheet HTML 2Page - WJ Communication. Inc. VG101 Datasheet HTML 3Page - WJ Communication. Inc. VG101 Datasheet HTML 4Page - WJ Communication. Inc. VG101 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 5
June 2005
VG101
Cellular-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
VG101-PCB Application Circuit Performance (cont’d)
Gain vs. Pin 5 Attn. Control Current
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C
Normalized Gain vs. Pin 5 Control Current
0
5
10
15
20
25
30
35
40
0.1
1.0
10.0
100.0
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency
Vctrl=0V (Minimum attenuation)
0
2
4
6
8
10
700
750
800
850
900
950
1000
Frequency (MHz)
-40°C
+25°C
+85°C
S21 vs. Frequency
Vctrl=0V (Minimum attenuation), +25 °C
11
12
13
14
15
16
700
750
800
850
900
950
1000
Frequency (MHz)
S11, S22 vs. Frequency
Vctrl=0V (Minimum attenuation), +25 °C
-25
-20
-15
-10
-5
0
700
750
800
850
900
950
1000
Frequency (MHz)
S11
S22
P1dB vs. Frequency
Vctrl=0V (Minimum attenuation)
16
18
20
22
24
26
850
875
900
925
950
Frequency (MHz)
-40°C
+25°C
+85°C
S21 vs. Frequency vs. Control Voltage
-20
-10
0
10
20
750
800
850
900
950
1000
Frequency (MHz)
Vctrl=0V
Vctrl=1V
Vctrl=2V
Vctrl=3V
Vctrl=4V
Vctrl=4.5V
S11 vs. Frequency vs. Control Voltage
-25
-20
-15
-10
-5
0
750
800
850
900
950
1000
Frequency (MHz)
Vctrl=0V
Vctrl=1V
Vctrl=2V
Vctrl=3V
Vctrl=4V
Vctrl=4.5V
S22 vs. Frequency vs. Control Voltage
-25
-20
-15
-10
-5
0
750
800
850
900
950
1000
Frequency (MHz)
Vctrl=0V
Vctrl=1V
Vctrl=2V
Vctrl=3V
Vctrl=4V
Vctrl=4.5V
Vctrl, Vpin5 vs. Ictrl
0
1
2
3
4
5
6
0
5
10
15
20
Ictrl (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vctrl vs Ictrl
V5 vs Ictrl
Ictrl vs. Vpin5
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vpin5 (V)
Ictrl vs. Vctrl
0
2
4
6
8
10
12
14
16
18
012345
Vctrl (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com