Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG101 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # VG101
Description  Cellular-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG101 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  VG101 Datasheet HTML 1Page - WJ Communication. Inc. VG101 Datasheet HTML 2Page - WJ Communication. Inc. VG101 Datasheet HTML 3Page - WJ Communication. Inc. VG101 Datasheet HTML 4Page - WJ Communication. Inc. VG101 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 5
June 2005
VG101
Cellular-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
VG101 Mechanical Information
This package may contain lead-bearing materials. The plating material on the pins is SnPb.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance, Rth
(1)
59
° C / W
Junction Temperature, Tjc
(2)
129
° C
1. The thermal resistance is referenced from the hottest
part of the junction to the ground tab (pin 4).
2. This corresponds to the typical biasing condition of
+5V, 150 mA at an 85
° C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 160
° C.
Product Marking
The component will be lasermarked with a
“VG101” designator with an alphanumeric lot
code on the top surface of the package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL:
Level 1 at +250
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
FUNCTION
Pin
FUNCTION
1
GND
15
GND
2
GND
16
GND
3
GND
17
GND
4
GND
18
GND
5
Gain control pin
19
N/C
6
GND
20
GND
7
N/C
21
Interstage Match
8
GND
22
GND
9
GND
23
GND
10
GND
24
GND
11
RF Input
25
RF Output / Bias
12
GND
26
GND
13
GND
27
GND
14
GND
28
GND
MTTF vs. GND Tab Temperature
1
10
100
1000
60
70
80
90
100
110
Tab Temperature (°C)
8
9
10
11
12
13
14
28
27
26
25
24
23
22
7
6
5
4
3
2
1
15
16
17
18
19
20
21
GND
GND
GND
RF OUT
GND
GND
GND
GND
GND
GND
RF IN
GND
GND
GND
Variable
Attenuator
Amp



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com