Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75
Description  LDO high voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UMW
R
Semiconductor Co.,
Ltd
project
Symbol
parameter
Limit value
Company
Voltage
VIN
Maximum input voltage
30
V
power
waste
PD
power waste
TO-92
700
mW
SOT-23
300
SOT-89
400
SOT-23-5
300
temperature
Tw
working temperature
-40~85
℃
Tc
Storage temperature
-50~125
℃
Th
welding temperature
260
℃,10s
7530
( TOPT=25℃)
Symbol
parameter
Test conditions
minimum
value
Maximum Company
Typical
value
VOUT
output voltage
VIN=5V,IOUT=10mA
2.91
3
3.09
V
IOUT
Output current
VIN=5V
60
100
mA
△VOUT
Load regulation
VIN=5V,1mA≤IOUT ≤20mA
-
100
150
mV
VDIF
Drop voltage
IOUT=1mA
-
100
-
mV
ISS
Quiescent
current
Vin = 5V, no load
-
2
3
µA
ΔVOUT /ΔTa
temperature
coefficient
V
IN
=5V,I
OUT
=10mA
0℃≤Ta≤70℃
-
+0.45
-
mV/℃
ΔV
OUT
/(ΔV
IN
* V
OUT
)
Line Regulation
4V≤VIN ≤30V,IOUT=1mA
-
0.2
-
%/V
VIN
input voltage
-
-
-
30
V
Principle block diagram
Vref
Vout
GND
Vin
Limit parameter
Electrical properties
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
UMW HT75XX
LDO High voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com