Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75
Description  LDO high voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Semiconductor Co.,
Ltd
75XX
GND VIN Vout
C1
10uF
C2
10uF
7550
(TOPT=25℃)
Symbol
parameter
Test conditions
minimu m
value
Typical
value
Maximu m Company
VOUT
output
voltage
VIN
7V,IOUT
10mA
4.85
5
5.15
V
IOUT
Output
current
VIN=7V
60
100
mA
△VOUT
Load
regulation
VIN=7V,1mA≤IOUT ≤30mA
100
mV
VDIF
Drop voltage
IOUT=1mA
100
mV
ISS
Quiescent
current
Vin = 7V, no load
2
3
µA
ΔVOUT /(ΔVIN * VOUT)
Line Regulation
6V≤VIN ≤30V,IOUT=1mA
0.2
%/V
VIN
input voltage
30
V
ΔVOUT /ΔTa
temperature
coefficient
VIN=7V,IOUT=10mA,
0℃≤Ta≤70℃
+0.75
mV/℃
1. Basic circuit
1
2
3
Vin
Vout
2. High output current regulator
Application circuit
UMW
R
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
75XX
UMW HT75XX
LDO High voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com