Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75
Description  LDO high voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UMW HT75XX
LDO
Semiconductor Co.,
Ltd
75xx series is a low-power high-voltage regulator manufactured by CMOS process. The maximum
input voltage is 30V and the output voltage range is 1.5V
~
12.0V.It has the characteristics of
high precision output voltage, very low power supply current and very low drop voltage.
●
Low power consumption: ≤ 3μA
●
Low drop voltage: typical value 0.1V
●
Low temperature bleaching: typical 50 ppm / ℃
●
High input voltage: up to 30V
●
High precision output voltage: tolerance of + 3%
●
Package form: TO-92, SOT89-3, SOT-23-3, SOT23-5
■
●
Battery power supply equipment
●
Audio / video equipment
Various communication equipment
●
Security monitoring equipment
name
Order Code
Maximum input
voltage (V)
Output
voltage (V)
tolerance
Package
7530
30
3.0
TO92
SOT89 -3
SOT-23-3
SOT-23-5
7533
30
3.3
75XX
7536
30
3.6
+3%
7544
30
4.4
7550
30
5.0
Product introdution
High voltage regulator
UMW
R
Product features
Product use
Package form and pin function definition
Model selection
+3%
+3%
+3%
+3%
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
●
SOT-23-3
VIN
GND
VOUT


Similar Part No. - HT75

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
HT75 TECHPUBLIC-HT75 Datasheet
2Mb / 6P
Low Dropout Voltage Regulator
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
HT7500 HOLTEK-HT7500 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
Clinical Thermometer
8th Feb 99
More results

Similar Description - HT75

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
logo
Texas Instruments
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
LDO Voltage Regulator
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
LDO high voltage regulator
71XX UMW-71XX Datasheet
2Mb / 9P
LDO high voltage regulator
75XX UMW-75XX Datasheet
3Mb / 9P
LDO high voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com