Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B4 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT36B4
Description  Music Synthesizer 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B4 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT36B4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
HT36B4
Rev. 1.00
11
October 18, 2006
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock of the MCU divided by 4), determined by mask
options. This timer is designed to prevent a software
malfunction or sequence jumping to an unknown loca-
tion with unpredictable results. The Watchdog Timer can
be disabled by mask option. If the Watchdog Timer is
disabled, all the executions related to the WDT result in
no operation.
Once the internal WDT oscillator (RC oscillator with a
period of 78
ms normally) is selected, it is first divided by
256 (8-stages) to get the nominal time-out period of ap-
proximately 20ms. This time-out period may vary with
temperature, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the
WDTS) can give different time-out periods. If WS2,
WS1, WS0 all equal to 1, the division ratio is up to 1:128,
and the maximum time-out period is 2.6 seconds.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. The
high nibble and bit 3 of the WDTS are reserved for user
defined flags, and the programmer may use these flags
to indicate some specified status.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
only the program counter and SP are reset to zero. To
clear the WDT contents (including the WDT prescaler ),
3 methods are implemented; external reset (a low level
to RES), software instructions, or a HALT instruction.
The software instructions include CLR WDT and the
other set
- CLR WDT1 and CLR WDT2. Of these two
types of instructions, only one can be active depending
on the mask option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT times
equal one), any execution of the CLR WDT instruction
will clear the WDT. In case
²CLR WDT1² and ²CLR
WDT2
² are chosen (i.e. CLRWDT times equal two),
these two instructions must be executed to clear the
WDT; otherwise, the WDT may reset the chip because
of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by a HALT instruction and
results in the following...
· The system oscillator will turn off but the WDT oscilla-
tor keeps running (If the WDT oscillator is selected).
Watchdog Timer
- WDT
· The contents of the on-chip RAM and registers remain
unchanged
· The WDT and WDT prescaler will be cleared and
starts to count again (if the clock comes from the WDT
oscillator).
· All I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
· The HALT pin will output a high level signal to disable
the external ROM.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². By examining the TO and PDF
flags, the cause for a chip reset can be determined. The
PDF flag is cleared when there is a system power-up or by
executing the CLR WDT instruction and it is set when a
HALT instruction is executed. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the program counter and stack pointer, the others remain
in their original status.
f O S C / 8
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
M a s k
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com