Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B4 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36B4
Description  Music Synthesizer 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B4 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36B4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1194.900
1108.540
20
1198.360
-1396.900
2
-1194.900
1013.540
21
1194.200
-1191.950
3
-1194.900
910.540
22
1194.200
-1096.950
4
-1194.900
815.540
23
1194.200
-993.950
5
-1194.900
712.540
24
1194.200
-898.950
6
-1194.900
617.540
25
1194.200
36.550
7
-1194.900
514.540
26
1194.200
131.550
8
-1194.900
-1203.060
27
1194.200
234.550
9
-1194.900
-1306.060
28
1194.200
329.550
10
-1194.900
-1401.060
29
1194.200
432.550
11
-989.950
-1396.900
30
1138.475
1393.120
12
-894.950
-1396.900
31
1038.450
1393.120
13
-791.950
-1396.900
32
925.450
1393.120
14
-696.950
-1396.900
33
819.765
1393.120
15
-593.950
-1396.900
34
-154.540
1392.655
16
802.360
-1396.900
35
-249.540
1392.655
17
905.360
-1396.900
36
-376.070
1390.100
18
1000.360
-1396.900
37
-487.200
1390.600
19
1103.360
-1396.900
38
-601.535
1390.100
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Function
1~8
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
9~16,
17~24,
25
PB0~PB7,
PC0~PC7,
PD0
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
26
PD1/DOUT
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port DAC data out
27
PD2/LOAD
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port DAC word clock
28
PD3/DCK
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port DAC bit clock
29
RES
I
¾
Reset input, active low
30
VSSA
¾¾
Negative power supply of DAC, ground
31
RCH
O
CMOS
R channel audio output
32
LCH
O
CMOS
L channel audio output
33
VDDA
¾¾
DAC power supply
35
34
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by
mask option) for the internal system clock. In the case of RC opera-
tion, OSC2 is the output terminal for 1/4 system clock
(fOSC2=fOSC/8). The system clock may come from the crystal, the
two pins cannot be floating.
36, 37
VSS
¾¾
Negative power supply, ground
38
VDD
¾¾
Positive power supply
HT36B4
Rev. 1.00
3
October 18, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com