Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B4 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT36B4
Description  Music Synthesizer 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B4 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT36B4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 21Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
HT36B4
Rev. 1.00
18
October 18, 2006
D/A Converter Interface
HT36B4 provides the IIS serial data format to support the
multiple D/A converters, one bit clock output and a word
clock signal for left/right stereo serial data transmission.
Clock Signal
The bit clock output signals DCK are used to synchronize
the IIS serial data.
The word clock signal LOAD divides the serial data into
left channel and right channel data for two-way audio out-
put.
· LOAD
The word clock signal LOAD is used for IIS serial data.
The stereo serial data consists of 16-channel sound
generator.
· DOUT
On IIS format, a
²H² state on LOAD is used for the right
channel, and a
²L² state is used for the left channel.
· DCK
DCK bit clock is the clock source for the signal.
Stereo Serial Data Format
The audio output data is in serial mode with 16 bit digi-
tal signal and LSB first output. There is a high sam-
pling rate of 50kHz when the system clock is 12.8MHz
and with two channel outputs for Right/Left channel.
HT36B4 provides only one serial data format as IIS
mode. The user could directly connect a D/A converter
which can accept the IIS serial data format, like
HT82V731.
Mask Option
No. Mask Option
Function
1
WDT source
On-chip RC/Instruction clock/
disable WDT
2
CLRWDT
times
One time, two times
(CLR WDT1/WDT2)
3
Wake-up
PA only
4
Pull-High
PA, PB, PC, PD input
5
OSC mode
Crystal or Resistor type
6
I/O DAC pin
PD1~3 DAC pin selection
D O U T
D C K
L O A D
L S B
M S B
S a m p l e O u t
R i g h t
L e f t
D/A Converter Timing
A_R
ENV1
ENV0
Volume Control Bit
Control Bit Final Value
Mode
0
0
0
VL2~0, VR2~0
111b
Release mode
0
0
1
VL1~0, VR1~0
11b
0
1
0
VL0, VR0
1b
x
1
1
No Bit
unchanged
No change mode
1
0
0
VL2~0, VR2~0
000b
Attach mode
1
0
1
VL1~0, VR1~0
00b
1
1
0
VL0, VR0
0b
Envelope Type Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com