Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLX Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2ICLX
Description  STWIN.box - SensorTile Wireless Industrial Node Development Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Multisensing wireless platform for vibration monitoring and ultrasound detection
•
Built around STWIN.box core system board with processing, sensing,
connectivity, and expansion capabilities
•
Ultra-low power Arm® Cortex®-M33 with FPU and TrustZone at 160 MHz, 2048
kBytes Flash memory (STM32U585AI)
•
MicroSD card slot for standalone data logging applications
•
On-board Bluetooth® low energy v5.0 wireless technology (BlueNRG-M2), Wi-Fi
(EMW3080) and NFC (ST25DV04K)
•
Option to implement authentication and brand protection secure solution with
STSAFE-A110
•
Wide range of industrial IoT sensors:
–
Ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration
sensor (IIS3DWB)
–
3D accelerometer + 3D gyro iNEMO inertial measurement unit
(ISM330DHCX) with Machine Learning Core
–
High-performance ultra-low-power 3-axis accelerometer for industrial
applications (IIS2DLPC)
–
Ultra-low power 3-axis magnetometer (IIS2MDC)
–
High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with
Embedded Machine Learning Core (IIS2ICLX)
–
Dual full-scale, 1.26 bar and 4 bar, absolute digital output barometer in
full-mold package (ILPS22QS)
–
Low-voltage, ultra low-power, 0.5°C accuracy I²C/SMBus 3.0 temperature
sensor (STTS22H)
–
Industrial grade digital MEMS microphone (IMP34DT05)
–
Analog MEMS microphone with frequency response up to 80 kHz
(IMP23ABSU)
•
Expandable via a 34-pin FPC connector
Description
The STWIN.box (STEVAL-STWINBX1) is a development kit and reference design
that simplifies prototyping and testing of advanced industrial sensing applications in
IoT contexts such as condition monitoring and predictive maintenance.
It is an evolution of the original STWIN kit (STEVAL-STWINKT1B) and features
a higher mechanical accuracy in the measurement of vibrations, an improved
robustness, an updated BoM to reflect the latest and best-in-class MCU and
industrial sensors, and an easy-to-use interface for external add-ons.
The STWIN.box kit consists of an STWIN.box core system, a 480mAh LiPo battery,
an adapter for the ST-LINK debugger, a plastic case, an adapter board for DIL 24
sensors and a flexible cable.
The many on-board industrial-grade sensors and the ultra-low power MCU enable
applications that feature: ultra-low power, 9 DoF motion sensing, wide-bandwidth
vibration analysis, audio and ultrasound acoustic inspection, very precise local
temperature, and environmental monitoring.
Product summary
STWIN.box -
SensorTile Wireless
Industrial Node
Development Kit
STEVAL-
STWINBX1
Software example
for STEVAL-
STWINBX1
FP-SNS-
DATALOG2
Ultra-low-power
with FPU Arm
Cortex-M33 with
Trust Zone
STM32U585AII6Q
High-accuracy,
High-resolution,
Low-power, 2-axis
Digital Inclinometer
with Embedded
Machine Learning
Core
IIS2ICLX
Ultra-wide
bandwidth, low-
noise, 3-axis digital
vibration sensor
IIS3DWB
Applications
Factory
Automation /
Industrial Sensors
STWIN.box - SensorTile Wireless Industrial Node Development Kit
STEVAL-STWINBX1
Data brief
DB4598 - Rev 2 - January 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IIS2ICLX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2ICLX STMICROELECTRONICS-IIS2ICLX Datasheet
3Mb / 119P
High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
01-Aug-2022
IIS2ICLXTR STMICROELECTRONICS-IIS2ICLXTR Datasheet
3Mb / 119P
High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
01-Aug-2022
More results

Similar Description - IIS2ICLX

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
Wireless Router Node
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Advantech Co., Ltd.
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
WISE-DK1510 ADVANTECH-WISE-DK1510 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
Wireless IoT Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
Wireless IoT Node
logo
STMicroelectronics
STEVAL-STWINKT1 STMICROELECTRONICS-STEVAL-STWINKT1 Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
STEVAL-STLCS01V1 STMICROELECTRONICS-STEVAL-STLCS01V1 Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
UM2777 STMICROELECTRONICS-UM2777 Datasheet
6Mb / 44P
How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
01-Mar-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com