Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLXTR Datasheet (PDF) - STMicroelectronics

IIS2ICLXTR Datasheet PDF - STMicroelectronics
Part # IIS2ICLXTR
Download  IIS2ICLXTR Download
File Size   3470.6 Kbytes
Page   119 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core

IIS2ICLXTR Datasheet (PDF)

Go To PDF Page Download Datasheet
IIS2ICLXTR Datasheet PDF - STMicroelectronics

Part # IIS2ICLXTR
Download  IIS2ICLXTR Click to download

File Size   3470.6 Kbytes
Page   119 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core

IIS2ICLXTR Datasheet (HTML) - STMicroelectronics


IIS2ICLXTR Product details

Features
• 2-axis linear accelerometer
• Selectable full scale: ±0.5/±1/±2/±3 g
• Ultralow noise performance: 15 μg/√Hz
• Superior stability over temperature (<0.075 mg/°C) and repeatability
• Embedded compensation for high stability over temperature
• I²C/SPI digital output interface
• Low power: 0.42 mA with 2 axes delivering full performance
• Sensor hub feature to efficiently collect data from additional external sensors
• Smart embedded FIFO up to 3 KB
• Programmable high-pass and low-pass digital filters
• Programmable machine learning core to integrate AI algorithms and reduce
power consumption at system level
• Programmable finite state machine to process data from accelerometer and one
external sensor
• Extended operating temperature range (-40 °C to +105 °C)
• Embedded temperature sensor
• Analog supply voltage: 1.71 V to 3.6 V
• High shock survivability
• ECOPACK and RoHS compliant

Applications
• Precision inclinometers
• Antenna pointing and platform leveling
• Structural health monitoring
• Precise leveling instruments
• Installation and monitoring of equipment
• Robotics and industrial automation

Description
The IIS2ICLX is a high-accuracy (ultralow noise, high stability, and repeatability) and
low-power, two-axis linear accelerometer with digital output.
The IIS2ICLX has a selectable full scale of ±0.5/±1/±2/±3 g and is capable of
providing the measured accelerations to the application over an I²C or SPI digital
interface.
Its high accuracy, stability over temperature, and repeatability make IIS2ICLX
particularly suitable for inclination measurement applications (inclinometers).
The sensing element is manufactured using a dedicated micromachining process
developed by STMicroelectronics to produce inertial sensors and actuators on silicon
wafers.
The IC interface is manufactured using a CMOS process that allows a high level
of integration to design a dedicated circuit, which is trimmed to better match the
characteristics of the sensing element.




Similar Part No. - IIS2ICLXTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2ICLX STMICROELECTRONICS-IIS2ICLX Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results


Similar Description - IIS2ICLXTR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
VTI technologies
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com