Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12ASTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER12ASTR-E
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ASTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER12ASTR-E Datasheet HTML 4Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 5Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 6Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 7Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 8Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 9Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 10Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 11Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Wide range of VDD voltage
VIPer12ADIP/ AS - E
8/21
DocRev1
5
Wide range of VDD voltage
The VDD pin voltage range extends from 9V to 38V. This feature offers a great flexibility in
design to achieve various behaviors. In Figure 3 on page 7 a forward configuration has been
chosen to supply the device with two benefits:
■
As soon as the device starts switching, it immediately receives some energy from the
auxiliary winding. C5 can be therefore reduced and a small ceramic chip (100nF) is
sufficient to insure the filtering function. The total start up time from the switch on of input
voltage to output voltage presence is dramatically decreased.
■
The output current characteristic can be maintained even with very low or zero output
voltage. Since the TSM101 is also supplied in forward mode, it keeps the current
regulation up whatever the output voltage is.The VDD pin voltage may vary as much as
the input voltage, that is to say with a ratio of about 4 for a wide range application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com