Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12ASTR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER12ASTR-E
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ASTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER12ASTR-E Datasheet HTML 5Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 6Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 7Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 8Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 9Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 10Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 11Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 12Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
VIPer12ADIP/ AS - E
Feedback pin principle of operation
DocRev1
9/21
6
Feedback pin principle of operation
A feedback pin controls the operation of the device. Unlike conventional PWM control
circuits which use a voltage input (the inverted input of an operational amplifier), the FB pin
is sensitive to current. Figure 4. presents the internal current mode structure.
Figure 4.
Internal current control structure
The Power MOSFET delivers a sense current Is which is proportional to the main current Id.
R2 receives this current and the current coming from the FB pin. The voltage across R2 is
then compared to a fixed reference voltage of about 0.23V. The MOSFET is switched off
when the following equation is reached:
By extracting IS:
Using the current sense ratio of the MOSFET GID:
R
2
I
S
I
FB
+
()
⋅
0.23V
=
I
S
0.23V
R
2
----------------
I
FB
–
=
I
D
G
ID
I
S
⋅
G
ID
0.23V
R
2
----------------
I
FB
–
⎝⎠
⎛⎞
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com