Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12ASTR-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER12ASTR-E
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ASTR-E Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER12ASTR-E Datasheet HTML 1Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 2Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 3Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 4Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 5Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 6Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 7Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 8Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
VIPer12ADIP/ AS - E
4/21
DocRev1
2
Electrical characteristics
TJ = 25°C, VDD = 18V, unless otherwise specified
Note:
1
On clamped inductive load
2
These test conditions obtained with a resistive load are leading to the maximum conduction
time of the device.
Table 3.
Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-source voltage
ID = 1mA; VFB = 2V
730
V
IDSS
OFF State drain
current
VDS = 500V; VFB = 2V;
TJ = 125°C
0.1
mA
rDS(on)
Static drain-source
ON state resistance
ID = 0.2A ID = 0.2A;
TJ = 100°C
27
30
54
Ω
tf
Fall time
ID = 0.1A; VIN = 300V
Note 1 (See Figure 8 on page 13)
100
ns
tr
Rise time
ID = 0.2A; VIN = 300V
Note 1 (See Figure 8 on page 13)
50
ns
COSS
Drain capacitance
VDS = 25V
40
pF
Table 4.
Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDDch
Start-up charging
current
VDS = 100V; VDD = 5V ...VDDon
(See Figure 9 on page 13)
-1
mA
IDDoff
Start-up charging
current in thermal
shutdown
VDD = 5V; VDS = 100V
TJ > TSD - THYST
0
mA
IDD0
Operating supply
current not switching
IFB = 2mA
3
5
mA
IDD1
Operating supply
current switching
IFB = 0.5mA; ID = 50mA
Note 2
4.5
mA
DRST
Restart duty-cycle
(See Figure 10 on page 13)
16
%
VDDoff
VDD Undervoltage
shutdown threshold
(See Figure 9,
Figure 10 on page 13)
7
8
9
V
VDDon
VDD Start-up
threshold
(See Figure 9,
Figure 10 on page 13))
13
14.5
16
V
VDDhyst
VDD Threshold
hysteresis
(See Figure 9 on page 13)
5.8
6.5
7.2
V
VDDovp
VDD Overvoltage
threshold
38
42
46
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com