Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1523 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 9Page - STMicroelectronics AN1523 Datasheet HTML 10Page - STMicroelectronics AN1523 Datasheet HTML 11Page - STMicroelectronics AN1523 Datasheet HTML 12Page - STMicroelectronics AN1523 Datasheet HTML 13Page - STMicroelectronics AN1523 Datasheet HTML 14Page - STMicroelectronics AN1523 Datasheet HTML 15Page - STMicroelectronics AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
AN1523 APPLICATION NOTE
Short circuit of the output rectifiers
Another frequent problem in a power supply is rele-
vant to the protection of the SMPS itself: thus some-
times it is easy to find circuits with a good protection
capability against shorts of the load but which are not
able to survive in case of a very hard short like an out-
put electrolytic capacitor or a diode. Besides, in case
of a rectifier shorted, the equivalent circuit of the ba-
sic converter changes: in fact, due to the missing
(shorted) rectifier the energy stored is delivered even
during the on time, like in forward mode with reverse
polarity of the trafo. To insure reliable operation of
the circuit, even this fault condition has been simulat-
ed (figure 25) shorting each rectifier, then has been
proven that the circuit can withstand this failure with-
out any performance degradation. The circuit in fact
works in hic-cup mode and then it restarts correctly to
deliver the output voltages if the short is removed.
This exceeds the requirements of the VDE and IEC
safety rules, and ensures a considerable time saving
during the qualification phase of the SMPS, avoiding
failures during the qualification tests, retrofit and new
testing, sometimes with a short time available to
solve the issue.
Figure 25. SHORT ON +5V RECTIFIER
Vin = 220 Vrms - 50 Hz @FULL LOAD
CH1:
VPIN1 - DRAIN VOLTAGE
CH2:
VPIN3 -Vcc
Switch On and Turn Off In Short Circuit Condition
The following pictures show the SMPS behaviour during the start-up phase with an output voltage shorted. As
clearly visible the circuit starts correctly then it works in hiccup mode protecting itself. The start-up phase is
clean in all conditions, without showing any dangerous transition for the SMPS circuitry.
Figure 26. SWITCH ON WITH +5V SHORTED
Figure 27. SWITCH ON WITH +5V SHORTED
Vin = 88 Vrms - 50 Hz @FULL LOAD
Vin = 265 Vrms - 50 Hz @STAND-BY
CH1:
VPIN1 – DRAIN VOLTAGE
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN3 - Vcc
CH2:
VPIN3 -Vcc
CH3:
+5Vout
CH3:
+5Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com