Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1523 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics AN1523 Datasheet HTML 21Page - STMicroelectronics AN1523 Datasheet HTML 22Page - STMicroelectronics AN1523 Datasheet HTML 23Page - STMicroelectronics AN1523 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
AN1523 APPLICATION NOTE
ANNEX 2 - Switch Mode Transformer Specification (continued)
SWITCH MODE TRANSFORMER SPECIFICATION
2362.0019 C
CUSTOMER CODE
ISSUE A
This document and its content are property of ELDOR CORPORATION S.p.A. No part of this document may be
reproduced, published, disclosed or used in any form with out written permission of ELDOR CORPORATION S.p.A.
DOC.N.
PAG. 6 / 6
ALL DIMENSIONS IN mm
GENERAL TOLERANCE
± 0.2
5.0
MECHANICAL DRAWINGS
HOLES PATTERN
Component Side
REFERENCEMARK FOR PINS IDENTIFICATION
=
=
==
==
==
==
16.25 ± 0.1
7.5± 0.1 5 ± 0.1
17.5
20
+0.8
-0.6
1± 0.1
ø
16.25 ± 0.1
6.8
9.45
5
7.5
17.5
1.3
+0.1
0
N
° 8 holes ø
±0.1
±0.1
25.5 ± 0.1
4
3
2
1
5
6
7
8
1
1
4
8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com