Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1523 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics AN1523 Datasheet HTML 21Page - STMicroelectronics AN1523 Datasheet HTML 22Page - STMicroelectronics AN1523 Datasheet HTML 23Page - STMicroelectronics AN1523 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
AN1523 APPLICATION NOTE
ANNEX 2 - Switch Mode Transformer Specification (continued)
SWITCH MODE TRANSFORMER SPECIFICATION
2362.0019 C
CUSTOMER CODE
ISSUE A
This document and its content are property of ELDOR CORPORATION S.p.A. No part of this document may be
reproduced, published, disclosed or used in any form with out written permission of ELDOR CORPORATION S.p.A.
DOC.N.
PAG. 4 / 6
2.3
Temperatures
2.3.1
Temperature raise of the primary coil
The raising in primary winding shall be made in the following condition: Vin nom. and all loads at maximum current,
except that for the Audio output that must be adjusted at 50% Imax.
Raise of temperature after 4 hours must be lower than 55
°C
2.3.2
Maximum allowable temperatures
In the application, TV set with cabinet close d, at the maximum allowable ambient temperature (See IEC68-1 clause
4.6.2) and at the maximum working conditions (see § 2.3.1) after 4 hours the temperature of the transformer must
be = 115
°C.
To satisfy the above conditions it is raccomanded to provide the SMT with sufficient cool air flow around it.
2.4
Core saturation
Test must be performed in the following way:
a) The SMT must be placed in oven at ambient temperature of 100
°C for 2 hours.
b) Using the circuit as per figure, connect the primary winding to LCR meter operating at frequency of 1
kHz and output voltage of 1 V.
c) Superimpose through the power supply a dc current and read on the LCR meter the correspondent
value of the inductance. Do this up to a current value of I peak max input current.
d)
The value of the inductance must not shows saturation (0.7Lp).
A
CHOKE
(1H or more)
SPECIMEN
C (40000
µF or more)
LCR
METER
+
Saturation current @100
°C
0,50
0,60
0,70
0,80
0,90
1,00
1,10
0
0,15
0,3
0,45
0,6
0,75
0,9
I (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com