Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88843V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY88843V Datasheet HTML 2Page - Micrel Semiconductor SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor SY88843V Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
V
CC – VSDLVL (V)
V
ID to Assert/De-assert SD
vs. V
SDLVL
1
10
100
0.1
1
10
100
R
SDLVL(kΩ)
V
ID to Assert/De-assert SD
vs. R
SDLVL
0
5
10
15
20
25
30
35
40
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
FREQUENCY (GHz)
Single-Ended Small-Signal
Gain vs. Frequency
25
30
35
40
45
50
55
60
-40
-15
10
35
60
85
TEMPERATURE (
°C)
Power Supply Current
vs. Temperature
700
720
740
760
780
800
820
840
860
880
900
-40
-15
10
35
60
85
TEMPERATURE (
°C)
Differential Output Voltage
Swing vs. Temperature
(Amplifier in Limiting Mode)
0
100
200
300
400
500
600
700
800
900
0
5 10 15 20 25 30 35 40 45 50
V
ID (mVpp)
Differential Output Voltage Swing
vs. Differential Input Voltage Swing
V
CC = 3.3V, TA = 25°C, RLOAD = 50Ω to VCC, unless otherwise stated.
10mVpp Input @3.2Gbps 2
31–1 PRBS
TIME (50ps/div.)
1.8Vpp Input @3.2Gbps 2
31–1 PRBS
TIME (50ps/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com