Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88843V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88843V Datasheet HTML 1Page - Micrel Semiconductor SY88843V Datasheet HTML 2Page - Micrel Semiconductor SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Multi-rate up to 3.2Gbps operation
Wide gain-bandwidth product
• 38dB differential gain
• 2GHz 3dB bandwidth
Low noise 50
CML data outputs
• 800mVpp output swing
• 60ps edge rates
• 5psrms typ. random jitter
• 15pspp typ. deterministic jitter
Chatter-free, Signal-Detect (SD) output
• 4.6dB electrical hysteresis
• OC-TTL output with internal 4.75k
pull-up
resistor
Programmable SD sensitivity using single external
resistor
Integrated input bias reference
TTL EN input allows feedback from SD
Wide operating range
• Single 3.3V
±10% or 5V ±10% power supply
•–40
°C to +85°C ambient industrial temperature
range
Available in tiny 10-pin EPAD-MSOP and 16-pin
MLF™ packages
FEATURES
3.3V/5V 3.2Gbps CML LOW-POWER
LIMITING POST AMPLIFIER w/TTL SD
SY88823V
APPLICATIONS
s 1.25Gbps and 2.5Gbps Gigabit Ethernet
s 1.062Gbps and 2.125Gbps Fibre Channel
s 155Mbps, 622Gbps, 1.25Gbps, and 2.5Gbps SONET/
SDH
s Gigabit interface converter (GBIC)
s Small form factor (SFF) and small form factor
pluggable (SFP) transceivers
s Parallel 10G Ethernet
s High-gain line driver and line receiver
Rev.: C
Amendment: /0
Issue Date:
November 2005
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
The SY88823V low-power, limiting post amplifier is
designed for use in fiber optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88823V
quantizes these signals and outputs typically 800mVPP
voltage-limited waveforms.
The SY88823V operates from a single +3.3V
±10% or
+5V
±10% power supply, over an industrial temperature
range of –40
°C to +85°C. With its wide bandwidth and high
gain, signals with data rates up to 3.2Gbps and as small as
10mVpp can be amplified to drive devices with CML inputs
or AC-coupled PECL inputs.
The SY88823V incorporates a signal detect (SD), open-
collector TTL output with internal 4.75k
Ω pull-up resistor. A
programmable, signal-detect level set pin (SDLVL) sets the
sensitivity of the input amplitude detection. SD asserts high
if the input amplitude rises above the threshold set by SDLVL
and de-asserts low otherwise. SD can be fed back to the
enable (EN) input to maintain output stability under a loss-
of-signal condition. EN de-asserts the true output signal
without removing the input signal. Typically 4.6dB SD
hysteresis is provided to prevent chattering.
Please see Micrel’s website at www.micrel.com for a
complete selection of optical module ICs.
The following table summarizes the differences between
devices in Micrel’s latest family of Limiting Amplifiers.
Integrated 50
LOS
Active LOW
Part Number
Input Termination
or SD
or HIGH Enable
SY88773V
No
LOS
LOW
SY88823V
No
SD
HIGH
SY88843V
Yes
SD
HIGH
SY88973V
Yes
LOS
LOW
Table 1. Limiting Amplifiers Selection Guide
TYPICAL PERFORMANCE
3.3V, 25°C, 10mVpp Input
@3.2Gbps 2
31–1 PRBS, R
LOAD = 50Ω to VCC
TIME (50ps/div.)


Similar Part No. - SY88843V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843V MICREL-SY88843V Datasheet
120Kb / 11P
LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
SY88843VEY MICREL-SY88843VEY Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843VEYTR MICREL-SY88843VEYTR Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843VKI MICREL-SY88843VKI Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results

Similar Description - SY88843V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com