Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88843V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor SY88843V Datasheet HTML 10Page - Micrel Semiconductor SY88843V Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY88823V low-power, limiting post amplifier operates
from a single +3.3V
±10% or +5V ±10% power supply, over
an industrial temperature range of –40
°C to +85°C. Signals
with data rates up to 3.2Gbps and as small as 10mVPP can
be amplified. Figure 1 shows the allowed input voltage swing.
The SY88823V generates an SD output, providing feedback
to EN for output stability. SDLVL sets the sensitivity of the
input amplitude detection.
Input Amplifier/Buffer
The SY88823V’s input is designed for VREF as its nominal
DC-bias point. If AC-coupling to the SY88823V, REF can
be used as the DC-bias point by externally connecting the
inputs through appropriate termination resistors to REF. If
DC-coupling to the SY88823V, ensure the upstream device’s
output swing meets the SY88823V’s common-mode range.
Figure 2 shows a simplified schematic of the input structure.
The high sensitivity of the input amplifier detects and
amplifies signals as small as 10mVPP. The input amplifier
allows input signals as large as 1800mVPP. Input signals
are linearly amplified with a typically 38dB differential voltage
gain. Since it is a limiting amplifier, the SY88823V outputs
typically 800mVPP voltage-limited waveforms for input signals
that are greater than 10mVPP. Applications requiring the
SY88823V to operate with high gain should have the
upstream TIA placed as close as possible to the SY88823V’s
input pins to ensure the device’s best performance.
Output Buffer
The SY88823V’s CML output buffer is designed to drive
50
Ω lines. The output buffer requires appropriate termination
for proper operation. An external 50
Ω resistor to VCC or
equivalent for each output pin provides this. Figure 3 shows
a simplified schematic of the output structure and includes
an appropriate termination method. Of course, driving a
downstream device with a CML input that is internally
terminated with 50
Ω to VCC eliminates the need for external
termination. As noted in the previous section, the amplifier
outputs, typically 800mVPP, waveforms across 25
Ω total
loads. The output buffer thus switches typically 16mA tail-
current. Figure 4 shows the power supply current
measurement which excludes the 16mA tail-current.
Signal Detect
The SY88823V incorporates a chatter-free, signal detect
(SD) open-collector TTL output with internal 4.75k
Ω pull-up
resistor as shown in Figure 5. SD is used to determine that
the input amplitude large enough to be considered a valid
input. SD asserts high if the input amplitude rises above the
threshold set by SDLVL and de-asserts low otherwise. SD
can be fed back to the enable (EN) input to maintain output
stability under a loss of signal condition. EN de-asserts low
the true output signal without removing the input signals.
Typically, 4.6dB SD hysteresis is provided to prevent
chattering.
Signal Detect-Level Set
A programmable, signal-detect level set pin (SDLVL) sets
the threshold of the input amplitude detection. Connecting
an external resistor between VCC and SDLVL sets the
voltage at SDLVL. This voltage ranges from V
CC to VREF.
The external resistor creates a voltage divider between VCC
and REF as shown in Figure 6. If desired, an appropriate
external voltage may be applied rather than using a resistor.
The relationship between VSDLVL and RSDLVL is given by:
VV
R
R+
SDLVL
CC
SDLVL
SDLVL
=
13
28
.
.
where voltages are in volts and resistances are in k
Ω.
The smaller the external resistor, which implies a smaller
voltage difference from SDLVL to VCC, the lower the SD
sensitivity. Hence, larger input amplitude is required to assert
SD. The “Typical Operating Characteristics” section contains
graphs showing the relationship between the input amplitude
detection sensitivity and V
SDLVL and RSDLVL.
Hysteresis
The SY88823V provides typically 4.6dB SD electrical
hysteresis. By definition, a power ratio measured in dB is
10log(power ratio). Power is calculated as V2
IN/R for an
electrical signal. Hence, the same ratio can be stated as
20log(voltage ratio). While in linear mode, the electrical
voltage input changes linearly with the optical power and,
hence, the ratios change linearly as well. Therefore, the
optical hysteresis in dB is half the electrical hysteresis in dB
given in the datasheet. The SY88823V provides typically
2.3dB SD optical hysteresis. As the SY88823V is an
electrical device, this datasheet refers to hysteresis in
electrical terms. With 4.6dB SD hysteresis, a voltage factor
of 1.7 is required to assert SD.
Hysteresis and Sensitivity Improvement
If increased SD sensitivity and hysteresis are required,
an application note entitled “Notes on Sensitivity and
Hysteresis in Micrel Post Amplifiers” is available at http://
www.micrel.com/product-info/app_hints+notes.shtml.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com