Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 4 Page - NEC

Part # UPC1676P
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 4 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPC1676B, UPC1676G, UPC1676P
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
UPC1676B
VCC = 5 V, ICC = 19 mA
FREQUENCY
S11
S21
S12
S22
KS21
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
dB
50
0.064
-11
10.153
-4
0.040
0
0.216
175
1.39
20.1
100
0.064
-18
10.131
-10
0.039
-3
0.219
165
1.41
20.1
200
0.074
-40
10.209
-23
0.038
-3
0.213
147
1.43
20.2
400
0.095
-86
10.646
-49
0.037
-7
0.211
107
1.39
20.5
600
0.100
-130
11.076
-78
0.036
-11
0.210
60
1.37
20.9
800
0.105
-174
11.035
-110
0.035
-13
0.209
9
1.40
20.9
1000
0.069
148
10.053
-145
0.031
-16
0.209
-46
1.69
20.0
1200
0.030
98
8.525
-176
0.027
-12
0.198
-95
2.21
18.6
1400
0.017
-80
6.795
157
0.030
-6
0.169
-137
2.48
16.6
1600
0.045
-121
5.407
134
0.032
2
0.135
-176
2.91
14.7
1800
0.072
-153
4.372
113
0.035
2
0.107
143
3.29
12.8
2000
0.081
-175
3.566
94
0.041
1
0.088
98
3.45
11.0
2200
0.087
158
2.984
77
0.047
-1
0.096
52
3.58
9.5
2400
0.083
129
2.537
60
0.051
-4
0.111
16
3.86
8.1
UPC1676P
VCC = 5 V, ICC = 19 mA
FREQUENCY
S11
S21
S12
S22
KS21
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
dB
50
0.116
-11.5
9.90
-4.0
0.046
-1.0
0.240
174.0
1.28
19.9
100
0.105
-19.5
9.77
-9.0
0.045
-2.0
0.229
168.0
1.31
19.8
200
0.122
-23.0
10.00
-19.0
0.046
4.5
0.242
154.5
1.26
20.0
400
0.131
-48.5
10.27
-39.5
0.046
9.5
0.246
128.0
1.22
20.2
600
0.146
-74.0
10.44
-61.5
0.046
13.5
0.244
98.5
1.19
20.4
800
0.152
-97.8
10.35
-85.5
0.049
16.5
0.233
65.9
1.14
20.3
1000
0.167
-120.4
9.82
-111.5
0.051
13.0
0.231
27.4
1.13
19.8
1200
0.140
-134.8
8.65
-136.0
0.049
19.5
0.182
-10.5
1.31
18.7
1400
0.136
-141.6
7.33
-158.0
0.052
23.5
0.152
-44.5
1.44
17.3
1600
0.149
-139.8
6.12
-176.0
0.060
31.6
0.092
-64.8
1.50
15.7
1800
0.166
-149.8
5.20
167.5
0.068
29.5
0.097
-62.7
1.53
14.3
2000
0.161
-156.3
4.29
151.0
0.069
25.0
0.127
-93.2
1.76
12.6
2200
0.182
-158.4
3.66
137.5
0.075
27.5
0.101
-104.5
1.87
11.3
2400
0.196
-165.4
3.10
124.5
0.080
25.0
0.111
-110.4
2.03
9.8
UPC1676G
VCC = 5 V, ICC = 19 mA
FREQUENCY
S11
S21
S12
S22
KS21
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
dB
100
0.110
-52.7
9.91
-12.0
0.039
0.3
0.218
172.0
1.43
19.9
200
0.128
-82.7
10.22
-28.0
0.040
-2.7
0.226
154.1
1.35
20.2
400
0.250
-141.3
11.61
-60.7
0.045
-7.7
0.286
111.3
1.03
21.3
600
0.484
160.9
14.84
-101.1
0.057
-20.7
0.392
63.6
0.62
23.4
800
0.813
87.1
17.69
-162.9
0.061
-50.3
0.483
-8.0
0.51
25.0
1000
0.728
15.2
12.19
134.2
0.039
-69.4
0.299
-86.6
0.85
21.7
1200
0.530
-32.1
7.34
93.6
0.032
-58.0
0.151
-152.2
1.68
17.3
1400
0.400
-66.8
4.91
64.2
0.036
-54.3
0.101
133.5
2.42
13.8
1600
0.319
-94.6
3.59
38.8
0.043
-57.6
0.110
69.4
2.92
11.1
1800
0.254
-124.5
2.79
15.1
0.051
-67.0
0.132
25.0
3.28
8.9
2000
0.200
-150.3
2.28
-8.2
0.057
-77.7
0.157
-9.5
3.65
7.2
2200
0.156
-174.9
1.95
-30.5
0.065
-87.3
0.178
-40.7
3.79
5.8
2400
0.112
164.1
1.70
-52.6
0.073
-98.7
0.199
-69.1
3.89
4.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com