Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 1 Page - NEC

Part # UPC1676P
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 1 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UPC1676B
UPC1676G
UPC1676P
PART NUMBER
UPC1676B1
UPC1676G
UPC1676P
PACKAGE OUTLINE
B08
39
CHIP
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Supply Current
mA
14
19
24
14
19
24
14
19
24
GS
Small Signal Gain
dB
18
20
22
19
22
24
19
22
24
PSAT
Saturated Output Power
dBm
3.5
5.5
3
5
3
5
BW
Bandwidth 3 dB down from gain at 100 MHz
MHz
1000 1300
1000 1200
1000 1300
NF
Noise Figure
dB
4.5
6
4.5
6
4.5
6
RLIN
Input Return Loss
dB
18
21
9
12
21
RLOUT
Output Return Loss
dB
10
13
6
9
13
ISOL
Isolation
dB
24
28
24
28
24
28
RTH(J-C)
Thermal Resistance (Junction to Case)
°C/W
50
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 5 V, f = 500 MHz)
DESCRIPTION
The UPC1676 is a silicon monolithic integrated circuit de-
signed for wide-band amplifiers covering the VHF to UHF
bands. The series is available in two package styles: a surface
mount package (UPC1676G), and an 8 lead ceramic flat
package (UPC1676B). Also available in chip form (UPC1676P).
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
1.2 GHz BANDWIDTH LOW
NOISE SILICON MMIC AMPLIFIER
• WIDE BANDWIDTH:
1200 MHz at 3 dB Point for UPC1676G
1300 MHz at 3 dB Point for UPC1676B, UPC1676P
• HIGH POWER GAIN: 22 dB TYP AT f = 500 MHz
• HIGH ISOLATION
• SINGLE POWER SUPPLY: VCC = 5 V
• INPUT/OUTPUT MATCHED TO 50
Ω
• AVAILABLE IN TAPE AND REEL (UPC1676G)
FEATURES
UPC1676G
NOISE FIGURE AND GAIN
vs. FREQUENCY AND VOLTAGE
Note:
1. Case must be connected to GND for stable RF operation and optimum thermal dissipation.
Frequency, f (MHz)
60
100
200
500
1000
2000
30
20
10
0
10
5
0
GP
NF
VCC = 5.5 V
4.5 V
5.0 V
5.0 V
4.5 V
VCC = 5.5 V
California Eastern Laboratories


Similar Part No. - UPC1676P

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1676P NEC-UPC1676P Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
More results

Similar Description - UPC1676P

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
1.5 GHz Low Noise Silicon MMIC Amplifier
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Tyco Electronics
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
0.7-1.2 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com