Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 5 Page - NEC

Part # UPC1676P
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 5 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS
UPC1676P (CHIP)
(Units in
µm)
• Die Size: 0.60 mm x 0.65 mm
• Thickness: 170
± 30 µm
• Pad Size: 100
µm x 100 µm
• Ti/Pt/Au Metallization
BONDING PAD (mm)
BONDING
PAD
PAD NO.
X AXIS
Y AXIS
CONNECTION
1
-185
210
INPUT
2
-5
-210
GND
3
+185
-210
GND
4
+185
-210
OUTPUT
5
-175
+210
VCC
UPC1676B
PACKAGE OUTLINE B08
(Units in mm)
CHIP FEATURES
BONDING INFORMATION
5. Output
6. GND
7. VCC
8. GND
LEAD
CONNECTIONS
1. Input
2. GND
3. GND
4. GND
5
4
1
2
3
PIN
CONNECTIONS
1. GND
2. Output
3. VCC
4. Input
UPC1676G
PACKAGE OUTLINE 39
(Units in mm)
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
5˚
5˚
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9
± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
(LEADS 2, 4, 6, 8) 0.6
1.27±0.1 1.27±0.1
10.6 MAX
3.8±0.2
5
4
3
2
6
7
8
3.8±0.2
10.6 MAX
1
1.7 MAX
0.2
+0.05
-0.02
0.4 (LEADS 1, 3, 5, 7)
UPC1676B, UPC1676G, UPC1676P
Note:
All dimensions are typical unless otherwise specified.
PART NUMBER
QTY
UPC1676G-T1
3000 / Reel
ORDERING INFORMATION
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com