Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5347
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5347 Datasheet HTML 1Page - Analog Devices ADRF5347 Datasheet HTML 2Page - Analog Devices ADRF5347 Datasheet HTML 3Page - Analog Devices ADRF5347 Datasheet HTML 4Page - Analog Devices ADRF5347 Datasheet HTML 5Page - Analog Devices ADRF5347 Datasheet HTML 6Page - Analog Devices ADRF5347 Datasheet HTML 7Page - Analog Devices ADRF5347 Datasheet HTML 8Page - Analog Devices ADRF5347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
ADRF5347
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 15
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Average
39
dBm
Peak
49
dBm
Reflected Power
TCASE = 105°C, life time
Continuous Wave
27
dBm
LTE Signal
Input signal is 37 dBm LTE 10 MHz E-TM 1.1 carrier with 8 dB PAR
Average
27
dBm
Peak
35
dBm
Hot Switching Power
TCASE = 105°C, life time
Continuous Wave
37
dBm
LTE Signal
Average
37
dBm
Peak
47
dBm
Through Power
TCASE = 105°C, single event (<10 sec)
Continuous Wave
40
dBm
LTE Signal
10 dB PAR
Average
40
dBm
Peak
50
dBm
Reflected Power
TCASE = 105°C, single event (<10 sec)
Continuous Wave
32
dBm
LTE Signal
Input signal is 37 dBm LTE 10 MHz E-TM 1.1 carrier with 8 dB PAR
Average
32
dBm
Peak
40
dBm
Case Temperature (TCASE)
–40
+105
°C
1 See Figure 7 and Figure 10 for frequency behavior.
2 50% VCTL to gain settled to IL +/- 0.1 dB for an LTE signal of 37 dBm(avg.)/45 dBm(peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com