Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5347
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5347 Datasheet HTML 6Page - Analog Devices ADRF5347 Datasheet HTML 7Page - Analog Devices ADRF5347 Datasheet HTML 8Page - Analog Devices ADRF5347 Datasheet HTML 9Page - Analog Devices ADRF5347 Datasheet HTML 10Page - Analog Devices ADRF5347 Datasheet HTML 11Page - Analog Devices ADRF5347 Datasheet HTML 12Page - Analog Devices ADRF5347 Datasheet HTML 13Page - Analog Devices ADRF5347 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
ADRF5347
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 15
INPUT THIRD-ORDER INTERCEPT
VDD = 5 V, VSS = −3.4 V, VCTRL = 0 V or 3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted.
Figure 19. Input IP3 for RFC to RFx Selected vs. Frequency
Figure 20. Input IP3 for RF1 vs. Frequency over Various Temperatures
Figure 21. Input IP3 for RF2 vs. Frequency over Various Temperatures
Figure 22. Input IP3 for RF3 vs. Frequency over Various Temperatures
Figure 23. Input IP3 for RF4 vs. Frequency over Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com