Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5347
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5347 Datasheet HTML 1Page - Analog Devices ADRF5347 Datasheet HTML 2Page - Analog Devices ADRF5347 Datasheet HTML 3Page - Analog Devices ADRF5347 Datasheet HTML 4Page - Analog Devices ADRF5347 Datasheet HTML 5Page - Analog Devices ADRF5347 Datasheet HTML 6Page - Analog Devices ADRF5347 Datasheet HTML 7Page - Analog Devices ADRF5347 Datasheet HTML 8Page - Analog Devices ADRF5347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5347
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 15
Supply voltages (VDD) = 5 V, (VSS) = −3.4 V, control voltage (VCTL) = 0 V or 3.3 V, TA = 25°C, and it is a 50 Ω system, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
1.8
3.8
GHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On)
2.3 GHz to 2.8 GHz
0.35
dB
3.3 GHz to 3.8 GHz
0.42
dB
ISOLATION
Between RFC and RF1 to RF4 (Off)
2.3 GHz to 2.8 GHz
30
dB
3.3 GHz to 3.8 GHz
27
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
2.3 GHz to 2.8 GHz
25
dB
3.3 GHz to 3.8 GHz
25
dB
TRANSMISSION PHASE1
RFC to RF1/RF4
at 3.8 GHz
-63
Degrees
RFC to RF2/RF3
at 3.8 GHz
-66
Degrees
RELATIVE PHASE VARIANCE
TCASE = -40°C to 105°C
2
Degrees
SWITCHING
Rise and Fall Time (tRISE, tFALL)
90% to 10% of RF output (RFOUT)
300
ns
On and Off Time (tON, tOFF)
50% VCTL to 10% to 90% of RFOUT
650
ns
0.1 dB Settling Time
50% VCTL to 0.1 dB of final RFOUT2
720
ns
INPUT LINEARITY
0.1 dB Power Compression (P0.1dB)
LTE (10 dB peak average ratio (PAR))
>50
dBm
Third-Order Intercept (IP3)
Continuous Wave
Two-tone input power = 30 dBm continuous wave per tone
84
dBm
LTE Signal
Two LTE 10 MHz E-TM 1.1 carriers, each having 34 dBm
96
dBc
Harmonic Distortion
Second Harmonic
Single LTE 10 MHz E-TM 1.1 carrier having 37dBm
100
dBc
Third Harmonic
Single LTE 10 MHz E-TM 1.1 carrier having 37dBm
87
dBc
SUPPLY CURRENT
VDD and VSS
Positive Supply Current (IDD)
2.4
mA
Negative Supply Current (ISS)
0.4
mA
DIGITAL CONTROL INPUTS
Voltage
0
0.7
V
Low Voltage (VIL)
High Voltage (VIH)
1.07
3.45
V
Current
Low (IINL)
LS
<1
μA
V1 and V2
<1
μA
High (IINH)
LS
6.6
μA
V1 and V2
6.6
μA
RECOMMENDED OPERATING CONDITIONS
Positive Supply Voltage (VDD)
4.75
5.0
5.25
V
Negative Supply Voltage (VSS)
-3.6
-3.4
-3.2
V
Control Voltage (VCTL)
0
3.45
V
RF Input Power
Through Power
TCASE = 105°C, life time
Continuous Wave
39
dBm
LTE Signal
10 dB PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com