Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP8570 Datasheet(PDF) 38 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 38 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 32Page - Hosiden Corporation TCP8570 Datasheet HTML 33Page - Hosiden Corporation TCP8570 Datasheet HTML 34Page - Hosiden Corporation TCP8570 Datasheet HTML 35Page - Hosiden Corporation TCP8570 Datasheet HTML 36Page - Hosiden Corporation TCP8570 Datasheet HTML 37Page - Hosiden Corporation TCP8570 Datasheet HTML 38Page - Hosiden Corporation TCP8570 Datasheet HTML 39Page - Hosiden Corporation TCP8570 Datasheet HTML 40Page - Hosiden Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
37
Unit:mm
TCS7730/7745 Series
TCS7729/7741 Series
13P Socket (Quick Lock Type)
TCS7729-0121177
TCS7730-210105
Keyway
A
B
Arrangement 13
9
5
2
1
4
3
8
7
6
12
11
10
10
11
12
13
1
2
5
6
7
8
9
4
3
Screw
Model No.
M 2.6×0.45 TAP TCS7729-0121177 TCS7741-0921177
M 3×0.5 TAP TCS7729-0120177 TCS7741-0920177
Combinations with plugs
TCP8951-210105 TCP8955-210105
TCP8953-210105 TCP8957-210105
TCP8959-210105 TCP8961-010105
Keyway
A
B
Arrangement
13
9
5
2
1
4
3
8
7
6
12
11
10
10
11
12
13
1
2
5
6
7
8
9
4
3
Model No. TCS7730-210105 TCS7745-010100
Combinations
with plugs
TCP8951-210105 TCP8955-010100
TCP8953-210105 TCP8957-210105
13.8
41
34.3
6
6.7
13 max.
1.3 min.
14
SEE
TABLE
7
Specifications(TCP8951・8955・8953・8959・8961、TCS7729・7741・7730・7745 Series)
Rating
 Pin Nos. 1 & 2:
3A 16V DC max.
 Pin Nos. 3 - 13:
2A 12V DC max.
Insulation Resistance:
50M min. at 250V DC
Dielectric Strength:
250V AC / 1 minute
Contact Resistance:
30m max.
Engaging Force:
44N max.
Separating Force:
5.9N to 29N
Color: Black, Gray#1, Gray#2
Plugs are equipped with a cable. (Plugs cannot be sold independently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com