Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP8570 Datasheet(PDF) 14 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 14 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 10Page - Hosiden Corporation TCP8570 Datasheet HTML 11Page - Hosiden Corporation TCP8570 Datasheet HTML 12Page - Hosiden Corporation TCP8570 Datasheet HTML 13Page - Hosiden Corporation TCP8570 Datasheet HTML 14Page - Hosiden Corporation TCP8570 Datasheet HTML 15Page - Hosiden Corporation TCP8570 Datasheet HTML 16Page - Hosiden Corporation TCP8570 Datasheet HTML 17Page - Hosiden Corporation TCP8570 Datasheet HTML 18Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
13
Unit:mm
TCS7737-2□ Series
TCS75□7 Series
h=6.5mm
h=6.5mm
Horizontal Sockets
TCS7587-0121077
EMI-Proof
TCS7737-2620887
EMI-Proof
14
2
14.5 max.
12.9
14
aa
aa
aa
aa
Model No. Table
Contact Arrangement
3
4
5a
6
7
8a
8b
TCS75□7 Series TCS7537-0121077 TCS7547-0121077 TCS7557-0121077 TCS7567-0121077 TCS7577-0121077 TCS7587-0121077 TCS7597-0121077
TCS7737-2□ Series
7
8
8
0
2
8
2-
7
3
7
7
S
C
T
7
8
8
0
2
6
2-
7
3
7
7
S
C
T
7
8
8
0
2
4
2-
7
3
7
7
S
C
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com