Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP8570 Datasheet(PDF) 22 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 22 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 18Page - Hosiden Corporation TCP8570 Datasheet HTML 19Page - Hosiden Corporation TCP8570 Datasheet HTML 20Page - Hosiden Corporation TCP8570 Datasheet HTML 21Page - Hosiden Corporation TCP8570 Datasheet HTML 22Page - Hosiden Corporation TCP8570 Datasheet HTML 23Page - Hosiden Corporation TCP8570 Datasheet HTML 24Page - Hosiden Corporation TCP8570 Datasheet HTML 25Page - Hosiden Corporation TCP8570 Datasheet HTML 26Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
21
Unit:mm
TCS7949
=13.5mm
TCS7932 Series
=13.5mm
Vertical Sockets
TCS7949-01-202
3
5
9
∅12
∅1
2.1
6.7
6.8
5.1
Chasis thickness : 2mm
13
aa
aa
Note: The cover consists of two parts allowing it to be used as
a 1P-1T switch when a plug is inserted.
3
5
9
∅12
∅1
2.1
6.7
6.8
5.1
Chasis thickness : 2mm
aa
aa
TCS7932-14-211
Notes:
1. Combinations with plugs
① Can be fit with the TCP8500 series, the TCP8600 series, the
TCP8300 series and TPX4115.
② Connection with the TCP7100 series is possible, but some
specifications are not applicable. Please inquire concerning
special specification.
③ The combinations of the 6P socket and the 5P (a) plug, the
6P socket and the 8P (a) plug, and the 7P socket and 8P (a)
plug are not designed for error connecting prevention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com