Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM12 Datasheet(PDF) 21 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 21 Page - SICK AG

Back Button IM12 Datasheet HTML 17Page - SICK AG IM12 Datasheet HTML 18Page - SICK AG IM12 Datasheet HTML 19Page - SICK AG IM12 Datasheet HTML 20Page - SICK AG IM12 Datasheet HTML 21Page - SICK AG IM12 Datasheet HTML 22Page - SICK AG IM12 Datasheet HTML 23Page - SICK AG IM12 Datasheet HTML 24Page - SICK AG IM12 Datasheet HTML 25Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SENSICK CATALOGUE
232
Inductive sensor, IM 12, DC 4-wire, Multitalents
Sensing range
2 / 4 mm
Inductive sensor
Free configurable output functions
in one sensor PNP/NO, PNP/NC
NPN/NO, NPN/NC
Short-circuit protection
Robust brass housing, nickel-
plated with fine thread
M12 x 1 mm
Enclosure rating IP 67
LED status indicator (NO function)
Dimensional drawing
60
45
50
1
2
3
60
50
1
2
3
75
48
53
1
2
3
75
53
1
2
3
1
Connection
2
Display LED
3
Fastening nuts (2 x); width across 17, metal
Connection type
IM12-02BCP-ZW1
IM12-04NCP-ZW1
IM12-02BCP-ZC1
IM12-04NCP-ZC1
4 x 0.22 mm
²
PNP version
brn
wht
blk
L+
L+
M
blu
NO
NPN version
brn
wht
blk
M
blu
L+
L+
NC
M12, 4-pin
PNP version
brn
wht
blk
L+
L+
M
blu
NO
1
2
3
4
NPN version
brn
wht
blk
M
blu
L+
L+
NC
1
2
3
4
See chapter Accessories
Connector, M12, 4-pin
Mounting systems
brn
wht
blk
M
M
blu
L+
NO
brn
wht
blk
M
M
blu
L+
NC
brn
wht
blk
M
M
blu
L+
NO
1
2
3
4
brn
wht
blk
M
M
blu
L+
NC
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com